Electronic Components Datasheet Search
  English  ▼

X  

PA.12 Datasheet(PDF) 21 Page - Taoglas antenna solutions

Part # PA.12
Description  RoHS Compliant
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.12 Datasheet(HTML) 21 Page - Taoglas antenna solutions

Back Button PA.12 Datasheet HTML 13Page - Taoglas antenna solutions PA.12 Datasheet HTML 14Page - Taoglas antenna solutions PA.12 Datasheet HTML 15Page - Taoglas antenna solutions PA.12 Datasheet HTML 16Page - Taoglas antenna solutions PA.12 Datasheet HTML 17Page - Taoglas antenna solutions PA.12 Datasheet HTML 18Page - Taoglas antenna solutions PA.12 Datasheet HTML 19Page - Taoglas antenna solutions PA.12 Datasheet HTML 20Page - Taoglas antenna solutions PA.12 Datasheet HTML 21Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
SPE-11-8-092/C Page 21 of 21
Cleaning:
When using ultrasonic cleaning, the board may resonate if the output power
is too high. Since this vibration can cause cracking or a decrease in the
adherence of the termination, we recommend that you use the conditions
below.
Frequency: 40kHz
Output Power: 20W/liter
Cleaning Time: 5 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com