Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5100 Datasheet HTML 1Page - National Semiconductor (TI) LM5100 Datasheet HTML 2Page - National Semiconductor (TI) LM5100 Datasheet HTML 3Page - National Semiconductor (TI) LM5100 Datasheet HTML 4Page - National Semiconductor (TI) LM5100 Datasheet HTML 5Page - National Semiconductor (TI) LM5100 Datasheet HTML 6Page - National Semiconductor (TI) LM5100 Datasheet HTML 7Page - National Semiconductor (TI) LM5100 Datasheet HTML 8Page - National Semiconductor (TI) LM5100 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Continued)
Specifications in standard typeface are for T
J = +25˚C, and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min
Typ
Max
Units
HO GATE DRIVER
V
OHH
High-Level Output Voltage
I
HO = −100 mA
V
OHH =VHB–VHO
0.35
0.55
V
I
OHH
Peak Pullup Current
V
HO = 0V
1.6
A
I
OLH
Peak Pulldown Current
V
HO = 12V
1.8
A
THERMAL RESISTANCE
θ
JA
Junction to Ambient
SOIC-8
170
˚C/W
LLP-10 (Note 3)
40
Switching Characteristics
Specifications in standard typeface are for T
J = +25˚C, and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified, V
DD =VHB = 12V, VSS =VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LM5100
t
LPHL
Lower Turn-Off Propagation Delay (LI
Falling to LO Falling)
24
45
ns
t
HPHL
Upper Turn-Off Propagation Delay (HI
Falling to HO Falling)
24
45
ns
t
LPLH
Lower Turn-On Propagation Delay (LI
Rising to LO Rising)
24
45
ns
t
HPLH
Upper Turn-On Propagation Delay (HI
Rising to HO Rising)
24
45
ns
t
MON
Delay Matching: Lower Turn-On and
Upper Turn-Off
2
10
ns
t
MOFF
Delay Matching: Lower Turn-Off and
Upper Turn-On
2
10
ns
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
15
ns
t
R,tF
Either Output Rise/Fall Time
(3V to 9V)
C
L = 0.1 µF
0.6
µs
t
PW
Minimum Input Pulse Width that
Changes the Output
50
ns
t
BS
Bootstrap Diode Turn-Off Time
I
F =20mA,
I
R = 200 mA
50
ns
LM5101
t
LPHL
Lower Turn-Off Propagation Delay (LI
Falling to LO Falling)
25
56
ns
t
HPHL
Upper Turn-Off Propagation Delay (HI
Falling to HO Falling)
25
56
ns
t
LPLH
Lower Turn-On Propagation Delay (LI
Rising to LO Rising)
25
56
ns
t
HPLH
Upper Turn-On Propagation Delay (HI
Rising to HO Rising)
25
56
ns
t
MON
Delay Matching: Lower Turn-On and
Upper Turn-Off
2
10
ns
t
MOFF
Delay Matching: Lower Turn-Off and
Upper Turn-On
2
10
ns
t
RC,tFC
Either Output Rise/Fall Time
C
L = 1000 pF
15
ns
t
R,tF
Either Output Rise/Fall Time
(3V to 9V)
C
L = 0.1 µF
0.6
µs
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com