Electronic Components Datasheet Search
  English  ▼

X  

LM5100 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5100
Description  High Voltage High Side and Low Side Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5100 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5100 Datasheet HTML 4Page - National Semiconductor (TI) LM5100 Datasheet HTML 5Page - National Semiconductor (TI) LM5100 Datasheet HTML 6Page - National Semiconductor (TI) LM5100 Datasheet HTML 7Page - National Semiconductor (TI) LM5100 Datasheet HTML 8Page - National Semiconductor (TI) LM5100 Datasheet HTML 9Page - National Semiconductor (TI) LM5100 Datasheet HTML 10Page - National Semiconductor (TI) LM5100 Datasheet HTML 11Page - National Semiconductor (TI) LM5100 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Power Dissipation Considerations
(Continued)
The bootstrap diode power loss is the sum of the forward
bias power loss that occurs while charging the bootstrap
capacitor and the reverse bias power loss that occurs during
reverse recovery. Since each of these events happens once
per cycle, the diode power loss is proportional to frequency.
Larger capacitive loads require more current to recharge the
bootstrap capacitor resulting in more losses. Higher input
voltages (V
IN) to the half bridge result in higher reverse
recovery losses. The following plot was generated based on
calculations and lab measurements of the diode recovery
time and current under several operating conditions. This
can be useful for approximating the diode power dissipation.
Diode Power Dissipation V
IN = 80V
20088806
Diode Power Dissipation V
IN = 40V
20088807
The total IC power dissipation can be estimated from the
previous plots by summing the gate drive losses with the
bootstrap diode losses for the intended application. Because
the diode losses can be significant, an external diode placed
in parallel (refer to Figure 4) with the internal bootstrap diode
can be helpful in removing power from the IC. For this to be
effective, the external diode must be placed close to the IC to
minimize series inductance and have a significantly lower
forward voltage drop than the internal diode.
20088808
FIGURE 4. LM5101 Driving MOSFETs Connected in Half-Bridge Configuration
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com