Electronic Components Datasheet Search
  English  ▼

X  

LPC2119 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC2119
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2119 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC2119 Datasheet HTML 9Page - NXP Semiconductors LPC2119 Datasheet HTML 10Page - NXP Semiconductors LPC2119 Datasheet HTML 11Page - NXP Semiconductors LPC2119 Datasheet HTML 12Page - NXP Semiconductors LPC2119 Datasheet HTML 13Page - NXP Semiconductors LPC2119 Datasheet HTML 14Page - NXP Semiconductors LPC2119 Datasheet HTML 15Page - NXP Semiconductors LPC2119 Datasheet HTML 16Page - NXP Semiconductors LPC2119 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
Philips Semiconductors
LPC2119/LPC2129
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
13 of 34
9397 750 13146
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.6 Pin connect block
The pin connect block allows selected pins of the microcontroller to have more than
one function. Configuration registers control the multiplexers to allow connection
between the pin and the on chip peripherals. Peripherals should be connected to the
appropriate pins prior to being activated, and prior to any related interrupt(s) being
enabled. Activity of any enabled peripheral function that is not mapped to a related
pin should be considered undefined.
The Pin Control Module contains three registers as shown in Table 5.
6.7 Pin function select register 0 (PINSEL0 - 0xE002C000)
The PINSEL0 register controls the functions of the pins as per the settings listed in
Table 6. The direction control bit in the IODIR register is effective only when the GPIO
function is selected for a pin. For other functions, direction is controlled automatically.
Settings other than those shown in Table 6 are reserved, and should not be used
System Control
External Interrupt 0 (EINT0)
14
External Interrupt 1 (EINT1)
15
External Interrupt 2 (EINT2)
16
External Interrupt 3 (EINT3)
17
A/D
A/D Converter
18
CAN
CAN1, CAN2 and Acceptance Filter
19-23
Table 4:
Interrupt sources…continued
Block
Flag(s)
VIC channel #
Table 5:
Address
Name
Description
Access
0xE002C000
PINSEL0
Pin function select register 0
Read/Write
0xE002C004
PINSEL1
Pin function select register 1
Read/Write
0xE002C014
PINSEL2
Pin function select register 2
Read/Write
Table 6:
Pin function select register 0 (PINSEL0 - 0xE002C000)
PINSEL0
Pin name
Value
Function
Value after Reset
1:0
P0.0
0
0
GPIO Port 0.0
0
0
1
TxD (UART0)
1
0
PWM1
1
1
Reserved
3:2
P0.1
0
0
GPIO Port 0.1
0
0
1
RxD (UART0)
1
0
PWM3
1
1
EINT0
5:4
P0.2
0
0
GPIO Port 0.2
0
0
1
SCL (I2C)
1
0
Capture 0.0 (Timer 0)
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com