Electronic Components Datasheet Search
  English  ▼

X  

LPC2119 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # LPC2119
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2119 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button LPC2119 Datasheet HTML 14Page - NXP Semiconductors LPC2119 Datasheet HTML 15Page - NXP Semiconductors LPC2119 Datasheet HTML 16Page - NXP Semiconductors LPC2119 Datasheet HTML 17Page - NXP Semiconductors LPC2119 Datasheet HTML 18Page - NXP Semiconductors LPC2119 Datasheet HTML 19Page - NXP Semiconductors LPC2119 Datasheet HTML 20Page - NXP Semiconductors LPC2119 Datasheet HTML 21Page - NXP Semiconductors LPC2119 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Philips Semiconductors
LPC2119/LPC2129
Single-chip 16/32-bit microcontrollers
Product data
Rev. 03 — 22 December 2004
18 of 34
9397 750 13146
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.12 CAN controllers and acceptance filter
The
LPC2119/LPC2129 each contain two CAN controllers. The Controller Area network
(CAN) is a serial communications protocol which efficiently supports distributed real-time
control with a very high level of security. Its domain of application ranges from high speed
networks to low cost multiplex wiring.
6.12.1
Features
• Data rates up to 1 Mbit/s on each bus.
• 32-bit register and RAM access.
• Compatible with CAN specification 2.0B, ISO 11898-1.
• Global Acceptance Filter recognizes 11 and 29-bit Rx identifiers for all CAN buses.
• Acceptance Filter can provide FullCAN-style automatic reception for selected
Standard identifiers.
6.13 UARTs
The LPC2119/LPC2129 each contain two UARTs. One UART provides a full modem
control handshake interface, the other provides only transmit and receive data lines.
6.13.1
Features
• 16 byte Receive and Transmit FIFOs.
• Register locations conform to ‘550 industry standard.
• Receiver FIFO trigger points at 1, 4, 8, and 14 bytes
• Built-in baud rate generator.
• Standard modem interface signals included on UART1.
6.14 I2C serial I/O controller
I2C is a bi-directional bus for inter-IC control using only two wires: a serial clock line
(SCL), and a serial data line (SDA). Each device is recognized by a unique address
and can operate as either a receiver-only device (e.g. an LCD driver or a transmitter
with the capability to both receive and send information (such as memory).
Transmitters and/or receivers can operate in either master or slave mode, depending
on whether the chip has to initiate a data transfer or is only addressed. I2C is a
multi-master bus, it can be controlled by more than one bus master connected to it.
I2C implemented in LPC2119/LPC2129 supports bit rate up to 400 kbit/s (Fast I2C).
6.14.1
Features
• Standard I2C compliant bus interface.
• Easy to configure as Master, Slave, or Master/Slave.
• Programmable clocks allow versatile rate control.
• Bidirectional data transfer between masters and slaves.
• Multi-master bus (no central master).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com