Electronic Components Datasheet Search
  English  ▼

X  

LMX1601TM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601TM
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601TM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX1601TM Datasheet HTML 1Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 2Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 3Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 4Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 5Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 6Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 7Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 8Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Value
Parameter
Symbol
Min
Typical
Max
Unit
V
CCMAIN
−0.3
6.5
V
Power Supply Voltage
V
CCAUX
−0.3
6.5
V
Voltage on any pin with GND=0V
V
I
−0.3
V
CC + 0.3
V
Storage Temperature Range
T
S
−65
+150
˚C
Lead Temp. (solder 4 sec)
T
L
+260
˚C
ESD-Human Body Model (Note 2)
2000
eV
Recommended Operating Conditions
Value
Parameter
Symbol
Min
Typical
Max
Unit
V
CCMAIN
2.7
3.6
V
Power Supply Voltage
V
CCAUX
V
CCMAIN
V
CCMAIN
V
Operating Temperature
T
A
−40
+85
˚C
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for
which the device is intended to be functional, but do not guarantee specific performance limits. Electrical Characteristics document specific minimum and/or maxi-
mum performance values at specified test conditions and are guaranteed. Typical values are for informational purposes only - based on design parameters or device
characterization and are not guaranteed.
Note 2: This device is a high performance RF integrated circuit and is ESD sensitive. Handling and assembly of this device should only be done on ESD-free work-
stations.
Electrical Characteristics
(V
CCMAIN =VCCAUX = 3.0V; TA = 25˚C except as specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GENERAL
I
CC
Power
Supply
Current
2 GHz + 500 MHz
Crystal Mode (Note 3)
5.0
mA
1.1 GHz + 500 MHz
Crystal Mode (Note 3)
4.0
mA
1.1 GHz + 1.1 GHz
Crystal Mode (Note 3)
5.0
mA
2 GHz Only
Crystal Mode (Note 3)
3.5
mA
1.1 GHz Only
Crystal Mode (Note 3)
2.5
mA
500 MHz Only
Crystal Mode (Note 3)
1.5
mA
I
CC-PWDN
Power Down Current
EN
MAIN = LOW, ENAUX = LOW
1
µA
fin
fin Operating Frequency
fin Main 2 GHz Option
200
2000
MHz
fin Main and Aux 1.1 GHz Option
100
1100
MHz
fin Aux 500 MHz Option
40
500
MHz
OSC
IN
Oscillator Operating Frequency
Logic Mode (Note 3)
1
40
MHz
Crystal Mode (Note 3)
1
20
MHz
V
OSC
Oscillator Input Sensitivity
0.5
V
CC
V
PP
f
φ
Maximum Phase Detector Frequency
10
MHz
Pfin
Main and Aux RF Input Sensitivity
−15
0
dBm
CHARGE PUMP
ICP
o-source
RF Charge Pump Output Current
(See Programming Description 2.4)
VCPo = V
CC/2, High Gain Mode
−1600
µA
ICP
o-sink
VCPo = V
CC/2, High Gain Mode
1600
µA
ICP
o-source
VCPo = V
CC/2, Low Gain Mode
−160
µA
ICP
o-sink
VCPo = V
CC/2, Low Gain Mode
160
µA
ICP
o-Tri
Charge Pump TRI-STATE® Current
0.5
≤ VCP
o ≤ VCC−0.5
1
nA
DIGITAL INTERFACE (DATA, CLK, LE, EN, FoLD)
V
IH
High-Level Input Voltage
0.8V
CC
V
V
IL
Low-Level Input Voltage
0.2V
CC
V
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com