Electronic Components Datasheet Search
  English  ▼

X  

LMX1601TM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1601TM
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1601TM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX1601TM Datasheet HTML 6Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 7Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 8Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 9Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 10Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 11Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 12Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 13Page - National Semiconductor (TI) LMX1601TM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2.0
Programming Description (Continued)
2.4.1
VCO Characteristics
2.4.2
Phase Comparator and Internal Charge Pump Characteristics
(AUX_PD_POL/MAIN_PD_POL = 1)
2.5
F
OUT/LOCK DETECT PROGRAMMING TRUTH TABLE (FoLD)
FoLD
Fo/LD OUTPUT STATE
32
1
0
AUX_R[17]
AUX_R[16]
AUX_R[15]
AUX_R[14]
0
0
0
0
“0”
0
0
0
1
“1”
0
0
1
X
Main Lock Detect
0
1
0
x
Aux Lock Detect
0
1
1
X
Main “and” Aux Lock Detect
1
0
0
X
Main Reference Counter Output
1
0
1
X
Aux Reference Counter Output
1
1
0
X
Main Programmable Counter Output
1
1
1
X
Aux Programmable Counter Output
Note 16: See section 2.5.3 for AUX_R[14] description.
DS100129-14
DS100129-15
Note 15: fr is phase detector input from reference counter. fp is phase detector input from programmable N counter.
Phase difference detection range: - 2
π to+2pπ.
The minimum width pump up and pump down current pulses occur at the CPo pin when the loop is locked.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com