Electronic Components Datasheet Search
  English  ▼

X  

LMX2324TM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2324TM
Description  PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2324TM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMX2324TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2.0 Programming Description (Continued)
2.3 N REGISTER
If the address bit is LOW (ADDR=0) when LE is transitioned high, data is transferred from the 18-bit shift register into the 17-bit
N register. The N register consists of the 5-bit swallow counter (A counter), the 10-bit programmable counter (B counter) and the
control word. Serial data format is shown below in tables 2.3.1 and 2.3.2. The pulse swallow function which determines the divide
ratio is described in section 2.3.3. Data is clocked into the shift register MSB first.
MSB
SHIFT REGISTER BIT LOCATION
LSB
17
16
15
14
13
12
11
10
9
8
7654
3
2
1
0
Register
Data Field
ADDR Field
N
NB_CNTR[9:0]
NA_CNTR[4:0]
CTL_WORD[1:0]
0
N16
N15
N14
N13
N12
N11
N10
N9
N8
N7
N6
N5
N4
N3
N2
N1
N0
2.3.1 5-Bit Swallow Counter Divide Ratio (A Counter)
Swallow Count
NA_CNTR[4:0]
(A)
N6
N5
N4
N3
N2
0
00000
1
00001
•
•••••
31
11111
Notes: Swallow Counter Value: 0 to 31
NB_CNTR
≥ NA_CNTR
2.3.2 10-Bit Programmable Counter Divide Ratio (B Counter)
NB_CNTR[10:0]
Divide Ratio
N16
N15
N14
N13
N12
N11
N10
N9
N8
N7
3
0000000
0
1
1
4
0000000
1
0
0
•
•••••••
•
•
•
1023
1111111
1
1
1
Notes: Divide ratio: 3 to 1,023 (Divide ratios less than 3 are prohibited)
NB_CNTR
≥ NA_CNTR
2.3.3 Pulse Swallow Function
The N divider counts such that it divides the VCO RF frequency by (P+1) A times, and then divides by P (B - A) times. The B value
(NB_CNTR) must be
≥ 3. The continuous divider ratio is from 992 to 32,767. Divider ratios less than 992 are achievable as long
as the binary counter value is greater than the swallow counter value (NB_CNTR
≥ NA_CNTR).
f
VCO =Nx(fOSC/R)
N=(P x B) + A
f
VCO:
Output frequency of external voltage controlled oscillator (VCO)
f
OSC:
Output frequency of the external reference frequency oscillator
R:
Preset divide ratio of binary 10-bit programmable reference counter (2 to 1023)
N:
Preset divide ratio of main 15-bit programmable integer N counter (992 to 32,767)
B:
Preset divide ratio of binary 10-bit programmable B counter (3 to 1023)
A:
Preset value of binary 5-bit swallow A counter (0
≤ A ≤ 31, A ≤ B)
P:
Preset modulus of dual modulus prescaler (P=32)
2.3.4 CTL_WORD
MSB
LSB
N1
N0
CNT_RST
PWDN
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com