Electronic Components Datasheet Search
  English  ▼

X  

LMX2324TM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2324TM
Description  PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2324TM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX2324TM Datasheet HTML 4Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 5Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 6Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 7Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 8Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 9Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 10Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 11Page - National Semiconductor (TI) LMX2324TM Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2.0 Programming Description (Continued)
2.3.4.1 Control Word Truth Table
CE
CNT_RST
PWDN
Function
1
0
0
Normal Operation
1
0
1
Synchronous Powerdown
1
1
0
Counter Reset
1
1
1
Asynchronous Powerdown
0
X
X
Asynchronous Powerdown
Notes: X denotes don’t care.
The Counter Reset enable bit when activated allows the reset of both N and R counters. Upon powering up the N counter re-
sumes counting in “close” alignment with the R counter. (The maximum error is one prescaler cycle).
Both synchronous and asynchronous power down modes are available with the LMX2324 to be able to adapt to different types
of applications. The MICROWIRE control register remains active and capable of loading and latching in data during all of the pow-
erdown modes.
Synchronous Power down Mode
The PLL loops can be synchronously powered down by setting the counter reset mode bit to LOW (N[1] = 0) and its power down
mode bit to HIGH (N[0] = 1). The power down function is gated by the charge pump. Once the power down mode and counter
reset mode bits are loaded, the part will go into power down mode upon the completion of a charge pump pulse event.
Asynchronous Power down Mode
The PLL loops can be asynchronously powered down by setting the counter reset mode bit to HIGH (N[1] = 1) and its power down
mode bit to HIGH (N[0] = 1), or by setting CE pin LOW. The power down function is NOT gated by the charge pump. Once the
power down and counter reset mode bits are loaded, the part will go into power down mode immediately.
The R and N counters are disabled and held at load point during the synchronous and asynchronous power down modes. This
will allow a smooth acquisition of the RF signal when the PLL is programmed to power up. Upon powering up, both R and N
counters will start at the ‘zero’ state, and the relationship between R and N will not be random.
Serial Data Input Timing
DS101030-5
Notes: Parenthesis data indicates programmable reference divider data.
Data shifted into register on clock rising edge.
Data is shifted in MSB first.
Test Conditions: The Serial Data Input Timing is tested using a symmetrical waveform around VCC/2. The test waveform has an edge rate of 0.6 V/ns with
amplitudes of 1.6V @ VCC = 2.7V and 3.3V @ VCC = 5.5V.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com