Electronic Components Datasheet Search
  English  ▼

X  

IS.05 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # IS.05
Description  ROHS Compliant
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IS.05 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  IS.05 Datasheet HTML 1Page - Taoglas antenna solutions IS.05 Datasheet HTML 2Page - Taoglas antenna solutions IS.05 Datasheet HTML 3Page - Taoglas antenna solutions IS.05 Datasheet HTML 4Page - Taoglas antenna solutions IS.05 Datasheet HTML 5Page - Taoglas antenna solutions IS.05 Datasheet HTML 6Page - Taoglas antenna solutions IS.05 Datasheet HTML 7Page - Taoglas antenna solutions IS.05 Datasheet HTML 8Page - Taoglas antenna solutions IS.05 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-13-8-019/C/EZ
Page 2 of 18
1. INTRODUCTION
The 915MHz Hercules ISM Antenna is a high performance steel thread-mount ISM
antenna for external use on vehicles and outdoor assets worldwide. Omni-directional
high gain across all bands ensures constant reception and transmission. Durable UV
resistant PC housing is resistant to vandalism and direct attack. At only 29 mm height it
complies with the latest EU height restrictions directives for roof-mounted objects, with a
diameter of 52 mm. Designed to not catch on tree-branches. The antenna can be
mounted on metal structures.
2. SPECIFICATION
ELECTRICAL
Standard
ISM
Band (MHz)
915
Frequency (MHz)
902-928
Cable Length (m)
0.3
1.0
2.0
3.0
5.0
Return Loss (dB)
-13.68
-13.86
-15.16
-14.61
-17.54
Efficiency (%)
27.49
44.13
38.36
27.09
21.10
Gain (dBi)
1.15
2.75
3.14
1.85
0.25
Polarization
Linear
Impedance
50 ohms
Max Input Power
10 watts
VSWR
<2.5:1
*Note: The return loss, efficiency and gain in the above table, were measured
on 30x30 cm metal plate with RG174 cable. For a specific case performance
refers to the below plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com