Electronic Components Datasheet Search
  English  ▼

X  

IS.05 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # IS.05
Description  ROHS Compliant
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

IS.05 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  IS.05 Datasheet HTML 1Page - Taoglas antenna solutions IS.05 Datasheet HTML 2Page - Taoglas antenna solutions IS.05 Datasheet HTML 3Page - Taoglas antenna solutions IS.05 Datasheet HTML 4Page - Taoglas antenna solutions IS.05 Datasheet HTML 5Page - Taoglas antenna solutions IS.05 Datasheet HTML 6Page - Taoglas antenna solutions IS.05 Datasheet HTML 7Page - Taoglas antenna solutions IS.05 Datasheet HTML 8Page - Taoglas antenna solutions IS.05 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SPE-13-8-019/C/EZ
Page 3 of 18
MECHANICAL
Dimensions
Height = 29 mm and Diameter = 52 mm
Cable length
3m RG174 – Fully Customable
Connector
SMA-Male – Fully Customable
Casing
UV Resistant PC
Base and Thread
Nickel plated steel
Thread Diameter
18 mm
Weather proof gasket
Rubber
Sealant
Rubber Stopper
ENVIRONMENTAL
Protection
IP67 & IP69K
Corrosion
5% NaCl for 48hrs - Nickel plated steel base and thread
Temperature Range
-40°C to +85°C
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop Test)
1m drop on concrete 6 axes
Cable Pull
8 Kgf
Recommended Torque
Setting for Mounting
24.5N∙m
Maximum Torque Setting
for Mounting
29.4N∙m
*Note: Specifications may be subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com