Electronic Components Datasheet Search
  English  ▼

X  

MAS9251 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MAS9251 Datasheet HTML 1Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 2Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5 (11)
DA9251.001
25 October, 2001
N
7KHUPDO3URWHFWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Threshold High
TH
145
160
175
°C
Threshold Low
TL
135
150
165
°C
The hysteresis of 10
oC prevents the device from turning on too soon after thermal shut-down.
N
6KXWGRZQ7HUPLQDO6SHFLILFDWLRQV
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Shutdown Voltage
OFF State
ON State
VCTRL
−0.3
1.6
0.55
VIN + 0.3
V
Shutdown Control Input Pin
Current
ICTRL
VCTRL = VIN
VCTRL = 0 V
4
0
10
µA
If CTRL-pin is not connected, MAS9251 is in OFF state (900 k
Ω pull-down resistor to ground).
N
3RZHU 'LVVLSDWLRQ
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Thermal Resistance MSOP-8
(Junction-to-Air)
RJA
typical PC board mounting
206.3
°C/W
Maximum Power Dissipation
Pd
any ambient temperature
JA
A
MAX
J
MAX
d
R
T
T
P
−
=
W
Note 1
Efficiency
η
VIN = 3 V, IOUT = 50 mA
80
%
I‚‡rà : TJ(MAX) denotes maximum operating junction temperature (+125°C), TA ambient temperature, and RJA junction-to-air thermal
resistance (206.3°C/W).
N
'\QDPLF 3DUDPHWHUV
3DUDPHWHU
6\PERO
&RQGLWLRQV0LQ
7\S
0D[
8QLW
Start-up Time (from control
signal edge to 90% of VNOM)
tstart-up
VCTRL = 0 to VIN, VIN = 3 V,
IOUT
≤ 100 mA
1ms
Switching Frequency
FOSC
0.611.8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com