Electronic Components Datasheet Search
  English  ▼

X  

MAS9251 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MAS9251
Description  REGULATED CHARGE PUMP DC/DC CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MAS9251 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MAS9251 Datasheet HTML 3Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 4Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 5Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 6Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 7Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 8Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 9Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 10Page - List of Unclassifed Manufacturers MAS9251 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10 (11)
DA9251.001
25 October, 2001
5((/63(&,),&$7,216
'LPHQVLRQ
0LQ
0D[
8QLW
A
330
mm
B1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N50
mm
W1 (measured at hub)
12.4
14.4
mm
W2 (measured at hub)
18.4
mm
Trailer
160
mm
Leader
390,
of which minimum 160
mm of empty carrier tape
sealed with cover tape
mm
Weight
1500
g
5000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative
D
A
B
C
N
W
1
W
2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com