Electronic Components Datasheet Search
  English  ▼

X  

MAX4036 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4036
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4036 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4036 Datasheet HTML 9Page - Maxim Integrated Products MAX4036 Datasheet HTML 10Page - Maxim Integrated Products MAX4036 Datasheet HTML 11Page - Maxim Integrated Products MAX4036 Datasheet HTML 12Page - Maxim Integrated Products MAX4036 Datasheet HTML 13Page - Maxim Integrated Products MAX4036 Datasheet HTML 14Page - Maxim Integrated Products MAX4036 Datasheet HTML 15Page - Maxim Integrated Products MAX4036 Datasheet HTML 16Page - Maxim Integrated Products MAX4036 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
______________________________________________________________________________________
13
Pin Configurations
INB-
OUTB
INB+
VSS
1
2
8
7
VDD
INA-
INA+
OUTA
µMAX
3
4
6
5
1
2
3
4
5
10
9
8
7
6
VDD
OUTB
INB-
INB+
N.C.
INA+
INA-
OUTA
µMAX
REF
VSS
OUT
IN+
1
2
3
6
4 IN-
VSS
VSS
VSS
VDD
VDD
VDD
SOT23
5 REF
IN+
IN-
1
2
3
5
4 OUT
VSS
VDD
SC70
TOP VIEW
OUTA
INA-
INA+
N.C.
OUTB
INB-
INB+
REF
3mm x 3mm x 0.8mm TDFN
OUTA
INA-
INA+
1
2
3
4
1
2
3
4
5
OUTB
INB-
INB+
8
7
6
5
8
7
6
9
10
3mm x 3mm x 0.8mm TDFN
MAX4036
MAX4037
MAX4038
MAX4038
MAX4039
MAX4039
C
A
B
UCSP
MAX4038
INB+
VSS
INA+
INB-
INA-
N.C.
VDD
OUTB
OUTA
123
C
A
B
UCSP
MAX4039
INB+
VSS
INA+
INB-
INA-
REF
VDD
OUTB
OUTA
123
(BUMP SIDE DOWN)
TDFN EXPOSED PAD CONNECTED TO VSS.
TDFN EXPOSED PAD CONNECTED TO VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com