Electronic Components Datasheet Search
  English  ▼

X  

MAX4036 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4036
Description  Low IBIAS, 1.4V/800nA, Rail-to-Rail Op Amps with 1.2V Buffered Reference
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4036 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4036 Datasheet HTML 1Page - Maxim Integrated Products MAX4036 Datasheet HTML 2Page - Maxim Integrated Products MAX4036 Datasheet HTML 3Page - Maxim Integrated Products MAX4036 Datasheet HTML 4Page - Maxim Integrated Products MAX4036 Datasheet HTML 5Page - Maxim Integrated Products MAX4036 Datasheet HTML 6Page - Maxim Integrated Products MAX4036 Datasheet HTML 7Page - Maxim Integrated Products MAX4036 Datasheet HTML 8Page - Maxim Integrated Products MAX4036 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Low IBIAS, +1.4V/800nA, Rail-to-Rail Op Amps
with +1.2V Buffered Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3V, VSS = VCM = 0V, VOUT_ = VDD/2, RL to VDD/2, CL = 15pF, TA = +25°C, unless otherwise specified.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to VSS .............................................................-0.3V to +4.0V
INA+, INB+, INA-, INB-, IN+, IN-, OUTA,
OUTB, OUT, REF .........................(VSS - 0.3V) to (VDD + 0.3V)
OUTA, OUTB, OUT, REF Shorted to VSS or VDD .......Continuous
Maximum Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
6-Pin SOT23 (derate 8.7mW/°C above +70°C)............696mW
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin TDFN (derate 24.4mW/°C above +70°C) .........1951mW
9-Bump UCSP (derate 5.2mW/°C above +70°C).........412mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
10-Pin TDFN (derate 24.4mW/°C above +70°C) .......1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4036/MAX4038, guaranteed by PSRR
tests
1.4
3.6
Supply Voltage Range
VDD
MAX4037/MAX4039, guaranteed by PSRR
and line regulation tests
1.8
3.6
V
VDD = 1.4V
0.8
1.2
MAX4036
VDD = 3.6V
0.9
1.3
VDD = 1.8V
1.9
2.4
MAX4037
VDD = 3.6V
2.0
2.5
VDD = 1.4V
1.7
2.3
MAX4038
VDD = 3.6V
1.9
2.5
VDD = 1.8V
2.8
4.0
Supply Current
IDD
MAX4039
VDD = 3.6V
3.0
4.1
µA
OPERATIONAL AMPLIFIERS
Input Offset Voltage
VOS
±0.2
±2.0
mV
Input Bias Current
IB
(Note 1)
±1.0
±10
pA
Input Offset Current
IOS
(Note 1)
±0.3
±20
pA
VDD = 1.4V
(MAX4036/MAX4038 only)
VSS
VDD -
0.4
VDD = 1.8V
VSS
VDD -
0.3
Input Common-Mode Voltage
Range
VCM
Guaranteed by
CMRR test
VDD = 3.3V
VSS
VDD -
0.2
V
VDD = 1.4V, VSS ≤ VCM ≤ (VDD - 0.4V)
(MAX4036/MAX4038 only)
50
70
VDD = 1.8V, VSS ≤ VCM ≤ (VDD - 0.3V)
50
70
Common-Mode Rejection Ratio
CMRR
VDD = 3.3V, VSS ≤ VCM ≤ (VDD - 0.2V)
56
76
dB
1.4V ≤ VDD ≤ 3.6V (MAX4036/MAX4038
only)
62
82
Power-Supply Rejection Ratio
PSRR
1.8V ≤ VDD ≤ 3.6V
62
84
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com