Electronic Components Datasheet Search
  English  ▼

X  

LMX2346 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2346 Datasheet HTML 15Page - National Semiconductor (TI) LMX2346 Datasheet HTML 16Page - National Semiconductor (TI) LMX2346 Datasheet HTML 17Page - National Semiconductor (TI) LMX2346 Datasheet HTML 18Page - National Semiconductor (TI) LMX2346 Datasheet HTML 19Page - National Semiconductor (TI) LMX2346 Datasheet HTML 20Page - National Semiconductor (TI) LMX2346 Datasheet HTML 21Page - National Semiconductor (TI) LMX2346 Datasheet HTML 22Page - National Semiconductor (TI) LMX2346 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
OSC
IN Sensitivity Test Setup
20038413
Notes:
1. Test Conditions: R_CNTR = 1000, LD_OUT = 2, PD = 0.
2. Sensitivity limit is reached when the frequency error of the divided RF input is greater than or equal to 1 Hz.
1.0 Functional Description
The basic phase-lock-loop (PLL) configuration consists of a
high-stability crystal reference oscillator, a frequency synthe-
sizer such as the National Semiconductor LMX2346/7, a
voltage controlled oscillator (VCO), and a passive loop filter.
The frequency synthesizer includes a phase detector, cur-
rent mode charge pump, a programmable reference divider,
and a programmable feedback divider. The VCO frequency
is established by dividing the crystal reference signal down
via the reference divider to obtain a frequency that sets the
comparison frequency. This reference signal, f
r, is then pre-
sented to the input of a phase/frequency detector and com-
pared with another signal, f
p, the feedback signal, which was
obtained by dividing the VCO frequency down by way of the
feedback divider. The phase/frequency detector measures
the phase error between the f
r and fp signals and outputs
control signals that are directly proportional to the phase
error. The charge pump then pumps charge into or out of the
loop filter based on the magnitude and direction of the phase
error. The loop filter converts the charge into a stable control
voltage for the VCO. The phase/frequency detector’s func-
tion is to adjust the voltage presented to the VCO until the
feedback signal’s frequency and phase match that of the
reference signal. When this “phase-locked” condition exists,
the RF VCO’s frequency will be N times that of the compari-
son frequency, where N is the feedback divider ratio.
20038440
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com