Electronic Components Datasheet Search
  English  ▼

X  

PA81J Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA81J
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA81J Datasheet(HTML) 2 Page - Cirrus Logic

  PA81J Datasheet HTML 1Page - Cirrus Logic PA81J Datasheet HTML 2Page - Cirrus Logic PA81J Datasheet HTML 3Page - Cirrus Logic PA81J Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
PA81J
PA82J
SUPPLY VOLTAGE, +V
S to –VS
200V
300V
OUTPUT CURRENT, within SOA
Internally Limited
POWER DISSIPATION, internal
11.5W
11.5W
INPUT VOLTAGE, differential
±150V
±300V
INPUT VOLTAGE, common mode
±V
S
±V
S
TEMPERATURE, pin solder - 10 sec
300°C
300°C
TEMPERATURE, junction
150°C
150°C
TEMPERATURE RANGE, storage
–65 to +125°C
–65 to +125°C
OPERATING TEMPERATURE RANGE, case
–55 to +125°C
–55 to +125°C
PA81J
PA82J
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
T
C = 25°C
±1.5
±3
*
*
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
10
25
*
*
µV/°C
OFFSET VOLTAGE, vs. supply
T
C = 25°C
20
*
µV/V
OFFSET VOLTAGE, vs. time
T
C = 25°C
75
*
µV/√kh
BIAS CURRENT, initial
T
C = 25°C
5
50
*
*
pA
BIAS CURRENT, vs. supply
T
C = 25°C
.2
*
pA/V
OFFSET CURRENT, initial
T
C = 25°C
2.5
50
*
*
pA
INPUT IMPEDANCE, DC
T
C = 25°C
1011
*
Ω
INPUT CAPACITANCE
T
C = 25°C
10
*
pF
COMMON MODE VOLTAGE RANGE2
Full temperature range
±V
S–10
*
V
COMMON MODE REJECTION, DC
V
CM = ±20V
110
*
dB
GAIN
OPEN LOOP GAIN at 10Hz
Full load
94
116
100
118
dB
UNITY GAIN BANDWIDTH
T
C = 25°C
5
*
MHz
POWER BANDWIDTH
T
C = 25°C, full load
60
30
kHz
PHASE MARGIN
Full temperature range
45
*
°
OUTPUT
VOLTAGE SWING2
T
C = 25°C, IPK
±V
S–5
*
V
CURRENT, peak
T
C = 25°C
30
15
mA
CURRENT, limit
T
C = 25°C
50
25
mA
SETTLING TIME to .1%
T
C = 25°C, 10V step
12
*
µs
SLEW RATE4
T
C = 25°C
20
*
V/µs
CAPACITIVE LOAD
A
V = 1
10
*
nF
POWER SUPPLY
VOLTAGE
Full temperature range
±32
±75
±75
±70
±150
±150
V
CURRENT, quiescent
T
C = 25°C
6.5
8.5
6.5
8.5
mA
THERMAL
RESISTANCE, AC, junction to case3
F > 60Hz
6
*
°C/W
RESISTANCE, DC, junction to case3
F < 60Hz
9
10
*
*
°C/W
RESISTANCE, junction to air
Full temperature range
30
*
°C/W
TEMPERATURE RANGE, shutdown
150
*
°C
TEMPERATURE RANGE, case
Meets full range specification
0
70
*
*
°C
PA81J • PA82J
NOTES: *
The specification of PA82J is identical to the specification for PA81J in applicable column to the left.
1. The power supply voltage for all specifications is the TYP rating unless noted as a test condition.
2. +V
S and –VS denote the positive and negative supply rail respectively. Total VS is measured from +VS to –VS.
3. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
4. On the PA81J and PA82J, signal slew rates at pins 5 and 6 must be limited to less than 1V/ns to avoid damage. When faster
waveforms are unavoidable, resistors in series with those pins, limiting current to 150mA will protect the amplifier from damage.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com