Electronic Components Datasheet Search
  English  ▼

X  

PA81J Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA81J
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA81J Datasheet(HTML) 1 Page - Cirrus Logic

  PA81J Datasheet HTML 1Page - Cirrus Logic PA81J Datasheet HTML 2Page - Cirrus Logic PA81J Datasheet HTML 3Page - Cirrus Logic PA81J Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE OPERATION — ±150V (PA82J)
• HIGH OUTPUT CURRENT — ±30mA (PA81J)
• LOW BIAS CURRENT, LOW NOISE — FET Input
APPLICATIONS
• HIGH IMPEDANCE BUFFERS UP TO ±140V
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES TO ±145V
• BIOCHEMISTRY STIMULATORS
• COMPUTER TO VACUUM TUBE INTERFACE
DESCRIPTION
The PA80 series of high voltage operation amplifiers provides
an extremely wide range of supply capability with two over-
lapping products. High accuracy is achieved with a cascode
input circuit configuration. All internal biasing is referenced
to a zener diode. As a result, these models offer outstanding
common mode and power supply rejection. The output stage
operates in the class A/B mode for best linearity. Internal phase
compensation assures stability at all gain settings without
external components. Fixed internal current limits protect
these amplifiers against a short circuit to common at most
supply voltages. For sustained high energy flyback, external
fast recovery diodes should be used. However, a heatsink
may be necessary to maintain the proper case temperature
under normal operating conditions.
This hybrid circuit utilizes thick film resistors, ceramic
capacitors and silicon semiconductors to maximize reliabil-
ity, minimize size and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections
at all operating temperatures. The 8-pin TO-3 package (see
Package Outlines) is hermetically sealed and isolated from
the internal circuits. The use of compressible thermal washers
voids the warranty.
EXTERNAL CONNECTIONS
��������
�
�
�
�
�
�
�
�
���
���
���
���
����
������
���
���
������������������������������������
��������������������������������������
TYPICAL APPLICATION
The PA81 and 70K ohm resistor form a current to voltage
converter, accepting ±1mA from a 12 bit current output digital
to analog converter. The power op amp contribution to the er-
ror budget is insignificant. At a case temperature of 70°C, the
combination of voltage offset and bias errors amounts to less
than 31ppm of full scale range. Incorporation of the optional
offset trim can further reduce these errors to under 9ppm.
EQUIVALENT SCHEMATIC
����
����
�����
�����
��������������������������������������
����
���
���
���
����
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�����������������������������������������
��������������������
�
�
�
�
�
�
�
��
��
��
��
���
����
��
��
��
���
��
��
��
���
���
��
��
����
���
��
��
��
���
��
��
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA81J

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J CIRRUS-PA81J Datasheet
207Kb / 5P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA81J

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA62 APEX-PA62 Datasheet
293Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com