Electronic Components Datasheet Search
  English  ▼

X  

LMX2325 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2325
Description  Frequency Synthesizer for RF Personal Communications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2325 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2325 Datasheet HTML 13Page - National Semiconductor (TI) LMX2325 Datasheet HTML 14Page - National Semiconductor (TI) LMX2325 Datasheet HTML 15Page - National Semiconductor (TI) LMX2325 Datasheet HTML 16Page - National Semiconductor (TI) LMX2325 Datasheet HTML 17Page - National Semiconductor (TI) LMX2325 Datasheet HTML 18Page - National Semiconductor (TI) LMX2325 Datasheet HTML 19Page - National Semiconductor (TI) LMX2325 Datasheet HTML 20Page - National Semiconductor (TI) LMX2325 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Application Information (Continued)
Consider the following application examples
Example
1
KVCO e 20 MHzV
Kw e 5 mA (Note 1)
RFopt e 900 MHz
Fref e 200 kHz
N e RFopt fref e 4500
0p e 2q 20 kHz e 1256e5
wp e 45
ATTEN e 20 dB
T1 e
secwp b tanwp
0p
e
329eb6
T3 e
010(2020)b1
(2q
 200e3)2
e
2387eb6
0c e
(329eb6 a 2387eb6)
(329eb6 a 2387eb6)2 a 329eb6
 2387eb6

01a(329eb6a2387eb6)
2 a 329eb6  2387eb6
(329eb6 a 2387eb6) 2
b
1
(
e
7045e4
T2 e
1
(7045e4)2
 (329eb6 a 2387eb6)
e
3549eb5
C1 e
329eb6
3549eb5
(5eb3)
 20e6
(7045e4)2
 4500

1 a (7045e4)2
 (3549eb5)2
1 a (7045e4)2
 (329eb6)2 1 a (7045e4)2  (2387eb6)2
(
e
1085 nF
C2 e 1085 nF

355eb5
329eb6
b
1
J e106nF
R2 e
355eb5
106eb9
e
335 kX
if we choose R3 e 22k then C3 e
234eb6
22e3
e
106 pF
Converting to standard component values gives the follow-
ing filter values which are shown in
Figure 4
C1 e 1000 pF
R2 e 33 kX
C2 e 10 nF
R3 e 22 kX
C3 e 100 pF
Note 1
See related equation for Kw in Charge Pump Current Specification
Definitions For this example VP e 50V The value of Kw can then
be approximated using the curves in the Typical Peformance Char-
acteristics for Charge Pump Current vs Do Voltage The units for
Kw are in mA You may also use Kw e (5 mA2q rad) but in this
case you must convert KVCO to (radV) multiplying by 2q
TLW12339 – 46
FIGURE 4 E20 kHz Loop Filter
http
www nationalcom
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com