Electronic Components Datasheet Search
  English  ▼

X  

LMX2346TM Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2346TM
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2346TM Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button LMX2346TM Datasheet HTML 19Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 20Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 21Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 22Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 23Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 24Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 25Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 26Page - National Semiconductor (TI) LMX2346TM Datasheet HTML 27Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
2.0 Programming Description (Continued)
2.2.5 R_OPT[2:0]
Reference Oscillator Optimization
R[17:15]
The R_OPT control words are used to optimize the performance of the reference buffer circuit for best Phase Noise and power
consumption performance based on the frequency of the reference source.
R_OPT[2:0]
Optimization Frequency
Range
0
5 MHz–50 MHz
7
50 MHz–104 MHz
1-6
Reserved — Do not use.
2.3 N REGISTER
The N register contains the PD (Power-Down), NA_CNTR, and NB_CNTR control words. The NA_CNTR, and NB_CNTR control
words are used to setup the programmable feedback divider. The PWR-DN control word is used to switch the device between the
normal operating mode and various power-down modes.
Register
Most Significant Bit
SHIFT REGISTER BIT LOCATION
Least Significant Bit
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Data Field
ADDR
N
NB_CNTR [9:0]
NA_CNTR [4:0]
PD [1:0]
0
2.3.1 PD[1:0]
Power-Down
N[2:1]
The PD control word is used to switch the device between the normal operating mode and various power-down modes.
PD [1:0]
Operating Mode
0
Normal Operation
1
Synchronous Power-down
2
Counter Reset
3
Asynchronous Power-down
2.3.2 NA_CNTR[4:0]
A Counter
N[7:3]
The NA_CNTR control word is used to program the A counter. The A counter is a 5-bit swallow counter used in the programmable
feedback divider. The A counter can be programmed to values ranging from 0 to 31. See Section 1.4 for details on how the value
of the A counter should be selected.
A Counter Value
NA_CNTR[4:0]
0
00000
1
00001
•
•••••
31
11111
2.3.3 NB_CNTR[9:0]
B Counter
N[17:8]
The NB_CNTR control word is used to program the B counter. The B counter is a 10-bit binary counter used in the programmable
feedback divider. The B counter can be programmed to values ranging from 3 to 1023. See Section 1.4 for details on how the
value of the B counter should be selected.
B Counter Value
NB_CNTR[9:0]
3
0000000011
4
0000000100
•
••••••••••
1023
1111111111
www.national.com
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com