Electronic Components Datasheet Search
  English  ▼

X  

LMX2350 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2350 Datasheet HTML 1Page - National Semiconductor (TI) LMX2350 Datasheet HTML 2Page - National Semiconductor (TI) LMX2350 Datasheet HTML 3Page - National Semiconductor (TI) LMX2350 Datasheet HTML 4Page - National Semiconductor (TI) LMX2350 Datasheet HTML 5Page - National Semiconductor (TI) LMX2350 Datasheet HTML 6Page - National Semiconductor (TI) LMX2350 Datasheet HTML 7Page - National Semiconductor (TI) LMX2350 Datasheet HTML 8Page - National Semiconductor (TI) LMX2350 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics (V
ccRF=VccIF=VPRF=VPIF= 3.0V; −40˚ C < TA< 85˚ C except as
specified) (Continued)
All Min/Max specifications are guaranteeed by design, or test, or statistical methods.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Charge Pump
ICPo-
source
RF
RF Charge Pump
Output Current (see
Programming
Description 3.2.2)
VCPo Vp/2, RF_CP_WORD = 0000
−100
µA
ICPo-
sink RF
VCPo = Vp/2, RF_CP_WORD = 0000
100
µA
ICPo-
source
RF
VCPo = Vp/2, RF_CP_WORD = 1111
−1.6
mA
ICPo-
sink RF
VCPo = Vp/2, RF_CP_WORD = 1111
1.6
mA
ICPo-
source
IF
IF Charge Pump Output
Current (see
Programming
Description 3.1.4)
VCPo = Vp/2, CP_GAIN_8 = 0
−100
µA
ICPo-
sink IF
VCPo = Vp/2, CP_GAIN_8 = 0
100
µA
ICPo-
source
IF
VCPo = Vp/2, CP_GAIN_8 = 1
−800
µA
ICPo-
sink IF
VCPo = Vp/2, CP_GAIN_8 = 1
800
µA
ICPo-
Tri
Charge Pump
TRI-STATE Current
0.5
≤ VCPo ≤ Vp - 0.5
-40˚ C < TA < 85˚ C
-2.5
2.5
nA
ICPo-
sink
vs.
ICPo-
source
CP Sink vs. Source
Mismatch
VCPo = Vp/2
TA = 25˚ C
RFICPo
= 400 µA - 1.6 mA
310
%
ICPo vs.
VCPo
CP Current vs. Voltage
0.5
≤ VCPo ≤ Vp -
0.5
T
A = 25˚ C
RFICPo
= 800 µA - 1.6 mA
415
%
ICPo vs. T
CP Current vs
Temperature
VCPo = Vp/2
-40˚ C < TA < 85˚ C
8%
Digital Interface
V
IH
High-level Input Voltage
(Note 4)
0.8 Vcc
V
V
IL
Low-level Input Voltage
(Note 4)
0.2 Vcc
V
I
IH
High-level Input Current
V
IH=VCC= 5.5 V, (Note 4)
−1.0
1.0
µA
I
IL
Low-level Input Current
V
IL=0, VCC= 5.5 V, (Note 4)
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH=VCC= 5.5 V
100
µA
I
IL
Oscillator Input Current
V
IL=0, VCC= 5.5 V
−100
µA
V
OH
High-level Output
Voltage
I
OH= −500 µA
V
CC −0.4
V
V
OL
High-level Output
Voltage
I
OL= 500 µA
0.4
V
MICROWIRE Timing
t
CS
Data to Clock Setup
Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold
Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Load Enable
Set Up Time
See Data Input Timing
50
ns
t
EW
Load Enable Pulse
Width
See Data Input Timing
50
ns
Note 3: Minimum operating frequencies are not production tested - only characterized.
Note 4: except fin, OSCin and OSCx
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com