Electronic Components Datasheet Search
  English  ▼

X  

LMX2350 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2350
Description  PLLatinum TM Fractional N RF / Integer N IF Dual Low Power Frequency Synthesizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2350 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2350 Datasheet HTML 12Page - National Semiconductor (TI) LMX2350 Datasheet HTML 13Page - National Semiconductor (TI) LMX2350 Datasheet HTML 14Page - National Semiconductor (TI) LMX2350 Datasheet HTML 15Page - National Semiconductor (TI) LMX2350 Datasheet HTML 16Page - National Semiconductor (TI) LMX2350 Datasheet HTML 17Page - National Semiconductor (TI) LMX2350 Datasheet HTML 18Page - National Semiconductor (TI) LMX2350 Datasheet HTML 19Page - National Semiconductor (TI) LMX2350 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Programming Description (Continued)
Synchronous Power down Mode
One of the PLL loops can be synchronously powered down
by first setting the power down mode bit HIGH (IF_N[21] = 1)
and then asserting its power down bit (IF_N[22] or RF_N[22]
= 1). The power down function is gated by the charge pump.
Once the power down bit is loaded, the part will go into
power down mode upon the completion of a charge pump
pulse event.
Asynchronous Power down Mode
One of the PLL loops can be asynchronously powered down
by first setting the power down mode bit LOW (IF_N[21] = 0)
and then asserting its power down bit (IF_N[22] or RF_N[22]
= 1). The power down function is NOT gated by the charge
pump. Once the power down bit is loaded, the part will go
into power down mode immediately.
Prescaler select is used to set the RF prescaler. The
LMX2350 is capable of operating from 500 MHz to 1.2 GHz
with the 16/17 prescaler, and 1.2 GHz to 2.5 GHz with the
32/33 prescaler selection. The LMX2352 is capable of oper-
ating from 250 MHz to 500 MHz with the 8/9 prescaler, and
500MHz to 1.2GHz with 16/17 prescaler selection.
4.2.2 5-BIT RF SWALLOW COUNTER DIVIDE RATIO
(RF A COUNTER)
(RF_N[6]-[10])
Swallow Count
RF_NA_CNTR
(A)
43210
0
00000
1
00001
-
-----
31
11111
Note: Swallow Counter Value LMX2350: 0 to 31; LMX2352: 0 to 15
RF_NB_CNTR
≥ RF_NA_CNTR + 2
4.2.3 10-BIT RF PROGRAMMABLE COUNTER DIVIDE
RATIO (RF B COUNTER)
(RF_N[11]-[20])
RF_NB_CNTR
Divide Ratio
9876543210
3
0000000011
4
0000000100
-
----------
1,023
1111111111
Note: Divide ratio: 3 to 1023 (Divide ratios less than 3 are prohibited)
RF_NB_CNTR
≥ RF_NA_CNTR + 2
4.2.4 FRACTIONAL MODULUS ACCUMULATOR (FRAC_CNTR)
(RF_N[2]-[5])
Fractional Ratio (F)
FRAC_CNTR
Modulus 15
Modulus 16
RF_N[5]
RF_N[4]
RF_N[3]
RF_N[2]
0
0
0000
1/15
1/16
0001
2/15
2/16
0010
-
-
----
14/15
14/16
1110
N/A
15/16
1111
4.3 PULSE SWALLOW FUNCTION
fvco = [N + F] x [fosc/R]
N=(P x B) + A
F:
Fractional ratio (contents of FRAC_CNTR divided by
the fractional modulus)
fvco: Output frequency of external voltage controlled oscil-
lator (VCO)
B:
Preset divide ratio of binary 10-bit programmable
counter
A:
Preset value of binary 4 or 5-bit swallow counter (0
≤
A
≤ 31 {RF} , 0 ≤ A ≤ 15 {IF} , A+2 ≤ B {RF}, A ≤ B {IF})
fosc: Output frequency of the external reference frequency
oscillator
R:
Preset divide ratio of binary 15-bit programmable ref-
erence counter (3 to 16383)
P:
Preset
modulus
of
dual
modulus
prescaler
(LMX2350:RF P=16 or 32, IF P=8)
(LMX2352:RF P=8 or 16, IF P=8)
4.4 CMOS (Programmable CMOS outputs)
(IF_N[17]-[20])
MSB
LSB
FastLock
TEST
OUT_1
OUT_0
Note: Test bit is reserved and should be set to zero for normal usage.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com