Electronic Components Datasheet Search
  English  ▼

X  

QPQ1237 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # QPQ1237
Description  LTE B3/B7 BAW Diplexer (75MHz/70MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1237 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  QPQ1237 Datasheet HTML 1Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
QPQ1237
LTE B3/B7 BAW Diplexer (75Mhz/70MHz)
Data Sheet March 24, 2017 | Subject to change without notice
3 of 12
www.qorvo.com
®
Electrical Specifications
– B7 Uplink (1)
Test conditions unless otherwise specified. Temperature Range: −40 to +85 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Insertion Loss (2)
2500
– 2570 MHz
-
2.3
3.8
dB
Amplitude Variation (3)
2500
– 2570 MHz
-
1.5
2.3
dB
Input / Output Return Loss
2500
– 2570 MHz
8
-
-
dB
Group Delay Variation
2500
– 2570 MHz (+25 °C)
-
-
20
nS
2500
– 2570 MHz
-
-
40
nS
2500
– 2570 MHz (5MHz sliding window)
-
-
30
Attenuation (4)
10
– 1100 MHz
35
-
-
dB
1100
– 1710 MHz
30
-
-
dB
1710
– 1880 MHz
36
-
-
dB
1880
– 2170 MHz
30
-
-
dB
2170
– 2260 MHz
32
-
-
dB
2260
– 2450 MHz
31
-
-
dB
2450
– 2480 MHz
12
-
-
dB
2590
– 2620 MHz
10
-
-
dB
2620
– 2690 MHz
39
-
-
dB
2690
– 2900 MHz
32
-
-
dB
2900
– 3800 MHz
25
-
-
dB
3800
– 5000 MHz
13
-
-
dB
Notes:
1.
All specifications are based on the QORVO schematic for the main reference design.
2.
Maximum Insertion Loss within defined frequency range.
3.
Amplitude Variation is defined as the difference between the lowest loss and the highest loss within 10 MHz channels.
4.
Attenuation is referenced to zero dB
Electrical Specifications
– Isolation (1)
Test conditions unless
otherwise specified. Temperature Range: −40 to +85 °C
Parameter
Conditions (1, 2)
Min
Ty p
Max
Unit
Isolation
1710
– 1785 MHz
39
-
-
dB
2500
– 2570 MHz
33
-
-
dB
Notes:
1.
All specifications are based on the QORVO schematic for the main reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com