Electronic Components Datasheet Search
  English  ▼

X  

QPQ1237 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # QPQ1237
Description  LTE B3/B7 BAW Diplexer (75MHz/70MHz)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPQ1237 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  QPQ1237 Datasheet HTML 1Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 2Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 3Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 4Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 5Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 6Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 7Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 8Page - TriQuint Semiconductor QPQ1237 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QPQ1237
LTE B3/B7 BAW Diplexer (75Mhz/70MHz)
Data Sheet March 24, 2017 | Subject to change without notice
5 of 12
www.qorvo.com
®
Performance Plots Band 3 Uplink
Test conditions unless otherwise noted: Temp= +25°C
-70
-60
-50
-40
-30
-20
-10
0
1560
1635
1710
1785
1860
1935
Frequency (MHz)
B3 Uplink Frequency Response
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1635 1660 1685 1710 1735 1760 1785 1810 1835 1860
Frequency (MHz)
B3 Uplink Passband Response
-60
-50
-40
-30
-20
-10
0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
B3 Uplink Wideband Response
-25
-20
-15
-10
-5
0
1635 1660 1685 1710 1735 1760 1785 1810 1835 1860
Frequency (MHz)
B3 Uplink Return Loss
Ant Port Impedance
B3 Uplink Port Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com