Electronic Components Datasheet Search
  English  ▼

X  

HLMP-AM65 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM65
Description  Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM65 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM65 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Device Selection Guide
Part Number
Color and Dominant
Wavelength
d (nm) Typ
Luminous Intensity Iv
(mcd) at 20 mA-Min
Luminous Intensity Iv
(mcd) at 20 mA-Max
Standoff
Package
Drawing
HLMP-AG64-X10xx
Red 626
1660
3500
No
A
HLMP-AG65-X10xx
Red 626
1660
3500
Yes
B
HLMP-AM64-140xx
Green 525
2900
6050
No
A
HLMP-AM65-140xx
Green 525
2900
6050
Yes
B
HLMP-AB64-TW0xx
Blue 470
800
1660
No
A
HLMP-AB65-TW0xx
Blue 470
800
1660
Yes
B
Tolerance for each intensity limit is ± 15%.
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
Part Numbering System
Note:
Please refer to AB 5337 for complete information about part numbering system.
Packaging Option
DD: Ammopack
ZZ: Flexi Ammopack
Color Bin Selection
0: Open distribution
Maximum Intensity Bin
0: No maximum intensity limit
Minimum Intensity Bin
Refer to Device Selection Guide.
Standoff/ Non Standoff
4: Non Standoff
5: Standoff
Color
G: Red 626
M: Green 525
B: Blue 470
Package
A: 5mm Mini Oval 30° x 70°
HLMP-A x 6x – x x x xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com