Electronic Components Datasheet Search
  English  ▼

X  

HLMP-AM65 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM65
Description  Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM65 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AM65 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM65 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
0
10
20
30
40
50
0
0.5
1
1.5
2
2.5
FORWARD VOLTAGE - V
0
0.5
1
1.5
2
2.5
0
10
20
30
40
50
DC FORWARD CURRENT - mA
0
10
20
30
40
50
60
0
2040
6080
100
TA- AMBIENT TEMPERATURE - -C
0
0.2
0.4
0.6
0.8
1
550
600
650
700
WAVELENGTH - nm
AlInGaP Red
Figure 1. Relative Intensity vs Wavelength
Figure 2. Forward Current vs Forward Voltage
Figure 3. Relative Intensity vs Forward Current
Figure 4. Maximum Forward Current vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com