Electronic Components Datasheet Search
  English  ▼

X  

VC7000 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # VC7000
Description  Voltage Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VC7000 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  VC7000 Datasheet HTML 1Page - Raltron Electronics Corporation VC7000 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage Controlled Crystal Oscillator
VCXO
Page 1 of 2
RAL T RON ELEC T RONICS CORP.
§ 10651 N. W . 19
th St § Mia m i, Florida 33172 § U.S.A.
Tel: +001(305) 593-6033
§ Fax: +001(305)594-3973 § e-mail: sales@raltron.com § internet: http:/www.raltron.com
VC7000 Series- General Specification
n APPROVALS
RALTRON
CUSTOMER
Eng. approval, date: Luis Vargas 12/09/02
Name (please print):
Sales approval, date: Tod Raphaely Dec 9,02
Title (please print):
Created by, date:
Signature, date:
Revision:
n ELECTRICAL SPECIFICATION:
Note 1: measurements are done @ Tamb = +25 C = 15 pF to ground; unless otherwise noted
Note 2: Fo is the actual output frequency measured during Accuracy test
Note 2: frequencies above 52 MHz use straight multiplication design
PARAMETER
SYMBOL
CONDITIONS
VALUE
UNIT
Frequency, nom
fn
-
1.000
±± 160.000
MHz
Supply voltage, nom.
Vcc
Vcc
” 5%
3.3VDC
5.0VDC
VDC
Supply current
Is
-
25.0
± ..60.0
mA
Freq. stability vs. temperature,
max.
∆f/fc (Ta)
(ref. to +25
°C)
SEE PART NUMBER
GENERATION TABLE
ppm
Freq. stability vs. supply
changes, max.
∆f/fc (∆Vs)
Supply change,
” 5%
” 5.0
ppm
Freq. stability vs. load changes,
max.
∆f/fc (∆load) Load change, ” 10%
” 3.0
ppm
Aging characteristics, max.
∆f/fc (∆t)
∆f/fc (∆t)
∆t=1st year
∆t=per year thereafter
” 4.0
” 2.0
ppm
ppm
HCMOS output levels
VOH / VOL
-
2.97 / 0.3
4.5 / 0.5
V
Duty cycle
DC
@ 50%Vcc
SEE PART NUMBER
GENERATION TABLE
%
Rise- / fall time, max.
tr / tf
20%~80% Vout, 80%~20% Vout
2.0
± 10.0 (see note A)
ns
Control voltage range
Vc
DC
0
± +3.3
+0.5
± +4.5
V
Pullability
∆F/Fo
-
SEE PART NUMBER
GENERATION TABLE
ppm
Linearity, max.
∆f/V
Positive slope
≤ 10
%
Input impedance, min.
Zin
-
≥ 10
K
Ω
Modulation freq. bandwidth, min. MBW (-3dB) -
≥ 10
KHz
Operating temperature range
Ta
-
SEE PART NUMBER
GENERATION TABLE
°C
Storage temperature range
T(stg)
-
-45
± +120
°C
Absolute voltage ranges
Vcc,Vc(abs)
Non-destructive, DC
-0.5
± +7.0
V
n MECHANICAL SPECIFICATION


Similar Part No. - VC7000

ManufacturerPart #DatasheetDescription
logo
DFI Inc
VC700-ASL DFI-VC700-ASL Datasheet
1,023Kb / 3P
Intel Atom® Processor Amston Lake Series In-Vehicle Box PC
More results

Similar Description - VC7000

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
Voltage Controlled Crystal Oscillator
logo
Crystek Corporation
CVXO-918T CRYSTEKCRYSTAL-CVXO-918T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-920 CRYSTEKCRYSTAL-CVPD-920_15 Datasheet
121Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-016T CRYSTEKCRYSTAL-CVXO-016T_15 Datasheet
72Kb / 1P
Voltage Controlled Crystal Oscillator
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T_15 Datasheet
66Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Silicon Laboratories
SI515 SILABS-SI515 Datasheet
1Mb / 22P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
logo
Fronter Electronics Co....
VCXO-SMD7050 FRONTER-VCXO-SMD7050 Datasheet
194Kb / 1P
Voltage Controlled Crystal Oscillator
logo
Epson Company
VG2520CAN EPSON-VG2520CAN Datasheet
600Kb / 2P
VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com