Electronic Components Datasheet Search
  English  ▼

X  

VC7000 Datasheet(PDF) 2 Page - Raltron Electronics Corporation

Part # VC7000
Description  Voltage Controlled Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

VC7000 Datasheet(HTML) 2 Page - Raltron Electronics Corporation

  VC7000 Datasheet HTML 1Page - Raltron Electronics Corporation VC7000 Datasheet HTML 2Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage Controlled Crystal Oscillator
VCXO
Page 2 of 2
RAL T RON ELEC T RONICS CORP.
§ 10651 N. W . 19
th St § Mia m i, Florida 33172 § U.S.A.
Tel: +001(305) 593-6033
§ Fax: +001(305)594-3973 § e-mail: sales@raltron.com § internet: http:/www.raltron.com
12.20
.480
14
8
DIA(4 PLACES)
15.24
1
.600
.45 .076
7
.018 .003
20.32
AREA
MARKING
.820
1
TYPICAL PHASE NOISE FOR FUNDAMENTAL MODE FREQUENCY
-95
-120
-140
-70
-150
-200
-150
-100
-50
0
10 Hz
100 Hz
1 KHz
10 KHz
100 KHz
Offset from carrier
PART NUMBERING SYSTEM
NOTE: Variations from standard specification are available, please contact factory.
All combinations of Stability Vs. Temperature range might not be available, please contact factory.
EXAMPLE: VC7425A-LZ-100-16.384-T
14 PIN DIP
SERIES
STABILITY
OVER
TEMPERATURE
REVISION
LEVEL
TEMPERATURE
RANGE (
°C)
MINIMUM
PULLABILITY
(Over control
voltage range)
FREQUENCY
(MHz)
SYMMETRY
VC72: 5.0V HCMOS
VC74: 3.3V HCMOS
10:
±15 ppm
15:
±15 ppm
20:
±20 ppm
25:
±25 ppm
50:
±50 ppm
00:
±100 ppm
Assigned
LV: 0
± +50
LZ: 0
± +70
HZ: -20
± +70
D3: -40
± +85
50:
±50 ppm
100:
±100 ppm
150:
±150 ppm
200:
±200 ppm
1.00 to 160.00
Blank:40%
± 60%
T: 45%
± 55%
(Tight)
OUTLINE TOLERANCE:
” 0.015° / 0.4mm
(Unless otherwise specified)
PIN OUT
Pin # 1 is the Control Voltage
Pin # 7 is the Ground, Case
Pin # 8 is the Output
Pin # 14 is the Supply Voltage,Vcc



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com