Electronic Components Datasheet Search
  English  ▼

X  

SL623 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL623
Description  AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL623 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL623 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 4Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SL623
AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
The SL623C is a silicon integrated circuit combining the
functions of low level, low distortion AM detector and AGC
generator with SSB demodulator It is designed specially for
use in SSB/AM receivers in conjunction with SL610C, SL611C
and SL612C RF and IF amplifiers. It is complementary to the
SL621C SSB AGC generator.
The AGC voltage is generated directly from the detected
carrier signal and is independent of the depth of modulation
used Its response is fast enough to follow the most rapidly
fading signals When used in a receiver comprising one
SL610C and one SL61 2C amplifier, the SL623C will maintain
the output within a 5dB range for a 90dB range of receiver input
signal.
The AM detector, which will work with a carrier level down
to 100mV, contributes negligible distortion up to 90%
modulation. The SSB demodulator is of single balanced form.
The SL623C is designed to operate at intermediate
frequencies up to 30MHz.
In addition it functions at
frequencies up to 120MHz with some deg radation in detection
efficiencies
FEATURES
s
Negligible Distortion
s
Easy Interfacing
s
Fast Response Time
CM10
Fig.1 Pin connections (bottom view)
APPLICATIONS
s
AM SSB Receivers
s
Test Equipment
QUICK REFERENCE DATA
s
Supply voltage: 6V
s
Supply current: 30MHz
ODERING INFORMATION
SL623 C CM
SL623 CB CM
Fig.2 Block diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com