Electronic Components Datasheet Search
  English  ▼

X  

SL623 Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL623
Description  AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL623 Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL623 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL623 Datasheet HTML 4Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SL623
Supply current
Input impedance
SSB audio output
AM audio output
AGC range (Note 1)
Conditions
ELECTRICAL CHARACTERISTICS
Test conditions (unless otherwise stated)
Supply voltage VCC = 6V
|
Ambient temperature: -30
°C to +85°C
Test circuit as Fig.2
Characteristics
ABSOLUTE MAXIMUM RATINGS
Supply voltage: 12V
Storage temperature: -55
°C to +125°C
Max.
Min.
22
43
9
800
30
55
Typ.
11
47
67
6
Value
mA
Ω
mVrms
mVrms
dB
Units
No signal, Pin 4 open
Pins 6, 9
Signal input 20mVrms @ 1.78
MHz. Ref. signal input 100mV
@ 1.750MHz
Signal input 125mVrms @ 1.75MHz
modulated to 80% at 1KHz
Initial signal input 125mVrms at 1.75MHz
modulated to 80% at 1KHz. Output set to
2.0V with 10K
Ω potentiometer between
Pins 2 & 5
NOTES
1.The AGC range is the change in input level to increase AGC output voltage from 2.0V to 4.6V
APPLICATION NOTES
AGC Generator
Pin 3, the AGC amplifier phase correction point should be
decoupled to ground by a 1 microfarad capacitor (C4),
keeping leads as short as possible The value of C4 is quite
critical, and should not be altered: if it is increased the
increased phase shift in the AGC loop may cause the receiver
to become unstable at LF and if it is reduced the modulation
level of the incoming signal will be reduced by fast-acting
AGC.
The AGC output (Pin 4) will drive at least two SL610/11/ 12
amplifiers.
The SL623AGC output is an emitter follower
similar to that of the SL621C. Hence the outputs of the two
devices may be connected in parallel when constructing AM/
SSB systems.
Less signal is needed to drive the SSB demodulator than the
AM detector. In a combined AM/SSB system, therefore, the
signal will automatically produce an SSB AGC voltage via the
SL621C as long as a carrier (BFO) is present at the input to the
SSB demodulator of the SL623C. The AGC generator of the
SL623 will not contribute in such a configuration.
For AM operation the BFO must be disconnected from the
carrier input of the SSB demodulator. In the absence of an
input signal, the SL621C will then return to its quiescent state.
To switch over a receiver using the SL623C from SSB to AM
operation it is therefore necessary to turn off the BFO and
transfer the audio pick-off from the SSB to the AM detector.
Neglecting to disconnect the SSB carrier input during AM
operation can result in heterodyning due to pick-up of carrier
on the input signal In some sets different filters are used for AM
and SSB: these will also need to be switched.
The 10 kilohm gain-setting preset potentiometer is adjusted
so that a DC output of 2 volts is achieved for an input of 125mV
rms There will then be full AGC output from the SL623C for a
4dB increase in input. A fixed resistor of 15kilohms can often
be used instead of the potentiometer.
SSB Demodulator
The carrier input is applied to Pin 6, via a low-leakage
capacitor It should have an amplitude of about 100mV rms and
low second harmonic content to avoid disturbing the DC level
at the detector output.
Pin 8 is the SSB output and should be decoupled at RF by
a 0.01 microfarad capacitor. The output impedance of the
detector is 3 kilohm and the terminal is at a potential of about
+2V which may be used to bias an eminer follower if a lower
output impedance is required. The input to the audio stage of
a receiver using an SL623C should be switched between the
AM and the SSB outputs — no anempt should be made to mix
them. Since the SL621C is normally used in circumstances
where low-level audio is obtained from the detector, the
relatively high SSB audio output of the SL623C must be
attenuated before being applied to the SL621C. This is most
easily done by connecting the SL623C to the SL621C via a 2
kilohm resistor in series with a 0.5 microfarad capacitor.
Input Conditions
The input impedance is about 800 ohms in parallel with 5pF
Connection must be made to the input via a capacitor to
preserve the DC bias. An input of about 125mV rms is required
for satisfactory carrier AGC performance and 20mV rms for
SSB detection. Normally, the AGC will cope with this variation
but in an extreme case a receiver using an SL623C and having
the same gain to the detector in both AM and SSB modes will
be some 10dB less sensitive to AM.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com