Electronic Components Datasheet Search
  English  ▼

X  

36MT Datasheet(PDF) 5 Page - International Rectifier

Part # 36MT
Description  THREE PHASE BRIDGE Power Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MT Datasheet(HTML) 5 Page - International Rectifier

  36MT Datasheet HTML 1Page - International Rectifier 36MT Datasheet HTML 2Page - International Rectifier 36MT Datasheet HTML 3Page - International Rectifier 36MT Datasheet HTML 4Page - International Rectifier 36MT Datasheet HTML 5Page - International Rectifier 36MT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
26MT../36MT.. Series
Bulletin I2771 rev. E 04/03
www.irf.com
Fig. 6 - Current Ratings Characteristics
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Total Power Loss Characteristics
Fig. 9 - Maximum Non-Repetitive Surge Current
Fig. 10 - Maximum Non-Repetitive Surge Current
50
70
90
110
130
150
0
5
10
15
20
25
30
35
40
120°
(Rect)
36MT.. Series
Total Output Current (A)
1
10
100
1000
00.5
11.5
22.5
3
3.5
4
Instantaneous Forward Voltage (V)
36MT.. Series
T= 15O°C
T= 25°C
J
J
Per Junction
0
25
50
75
100
125
150
Maximum Allowable Ambient Temperature (°C)
10 K/W
7K/W
5 K/W
4 K/W
3 K/W
2 K
/W
1
K/W
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
120°
(Rect)
Total Output Current (A)
36MT.. Series
T= 150°C
J
100
150
200
250
300
350
400
450
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
36MT.. Series
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
100
150
200
250
300
350
400
450
500
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
36MT.. Series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com