Electronic Components Datasheet Search
  English  ▼

X  

36MT Datasheet(PDF) 1 Page - International Rectifier

Part # 36MT
Description  THREE PHASE BRIDGE Power Modules
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

36MT Datasheet(HTML) 1 Page - International Rectifier

  36MT Datasheet HTML 1Page - International Rectifier 36MT Datasheet HTML 2Page - International Rectifier 36MT Datasheet HTML 3Page - International Rectifier 36MT Datasheet HTML 4Page - International Rectifier 36MT Datasheet HTML 5Page - International Rectifier 36MT Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.irf.com
1
THREE PHASE BRIDGE
Power Modules
25 A
35 A
MT SERIES
Bulletin I2771 rev. E 04/03
Description
A range of extremely compact, encapsulated three
phase bridge rectifiers offering efficient and reli-
able operation. They are intended for use in gen-
eral purpose and instrumentation applications.
Major Ratings and Characteristics
Parameters
26MT
36MT
Units
I
O
25
35
A
@ T
C
70
60
°C
I
FSM
@50Hz
360
475
A
@ 60Hz
375
500
A
I
2t
@ 50Hz
635
1130
A
2s
@ 60Hz
580
1030
A
2s
V
RRM
range
100 to 1600
V
T
J
-55 to 150
°C
Features
Universal, 3 way terminals:
push-on, wrap around or solder
High thermal conductivity package,
electrically insulated case
Center hole fixing
Excellent power/volume ratio
UL E 62320 approved
Terminals Solderable as per MIL-STD-202 METHOD 208,
solder: Sn/Pb (60/40); solder temperature: 235-260°C mx. time: 8-10 sec.


Similar Part No. - 36MT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
36MT IRF-36MT Datasheet
75Kb / 6P
THREE PHASE BRIDGE
logo
Vishay Siliconix
36MT VISHAY-36MT Datasheet
187Kb / 7P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
logo
Naina Semiconductor ltd...
36MT NAINA-36MT Datasheet
217Kb / 2P
Three Phase Bridge Rectifier, 35A
logo
New Jersey Semi-Conduct...
36MT NJSEMI-36MT Datasheet
120Kb / 2P
Three Phase Bridge Rectifier, 35A
logo
Vishay Siliconix
36MT10 VISHAY-36MT10 Datasheet
187Kb / 7P
Three Phase Bridge (Power Modules), 25/35 A
03-Nov-08
More results

Similar Description - 36MT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
02-Mar-18
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
03-Mar-18
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-131MT...C VISHAY-VS-131MT...C_V01 Datasheet
185Kb / 6P
Three Phase Bridge, 130 A (Power Modules)
16-Feb-2022
VS-161MT...C VISHAY-VS-161MT...C_V01 Datasheet
181Kb / 6P
Three Phase Bridge, 160 A (Power Modules)
16-Feb-2022
VS-301MT...C VISHAY-VS-301MT...C_V02 Datasheet
183Kb / 6P
Three Phase Bridge, 300 A (Power Modules)
16-Feb-2022
VS-40MT160KPBF VISHAY-VS-40MT160KPBF_V02 Datasheet
113Kb / 5P
Three Phase Bridge (Power Modules), 40 A
15-Sep-17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com