Electronic Components Datasheet Search
  English  ▼

X  

PKA22A Datasheet(PDF) 2 Page - StarHope

Part # PKA22A
Description  Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKA22A Datasheet(HTML) 2 Page - StarHope

  PKA22A Datasheet HTML 1Page - StarHope PKA22A Datasheet HTML 2Page - StarHope PKA22A Datasheet HTML 3Page - StarHope PKA22A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 4
Dimensions (DO-214AB)
PKA(6.6KW) Series
Electrical Characteristics
PKA15A
PKA16A
PKA20A
PKA22A
PKA26A
PKA30A
PKA33A
PKA36A
PKA43A
PKA60A
PKA
Part Number
Device
Marking Code
Stand-Off
Voltage
V
(V)
RWM
V
(V)Min.
BR
V
(V)Max.
BR
Test
Current
I (mA)
T
Vc(V)
Ipp(A)
I(μA)
R
UNI-Polar
UNI
BI-Polar
BI
6PES
6PET
6PEW
6PEX
6PFE
6PFK
6PFM
6PFP
6PFT
6PGK
15
16
20
22
26
30
33
36
43
60
100
50
10
2
2
2
2
2
2
2
16.7
17.8
22.2
24.0
28.9
33.3
36.7
40.0
47.8
66.7
18.5
19.7
24.5
26.9
31.9
36.8
40.6
44.2
52.8
73.7
1
1
1
1
1
1
1
1
1
1
24.4
26.0
32.4
35.5
42.1
48.4
53.3
58.1
69.4
96.8
270.4
253.8
203.7
185.9
156.8
136.4
123.8
113.6
95.1
68.2
Breakdown
Voltage
@IT
Max. Clamping
Voltage
@Ipp 10/1000μs
Reverse
Leakage
@VRWM
PKA15CA
PKA16CA
PKA20CA
PKA22CA
PKA26CA
PKA30CA
PKA33CA
PKA36CA
PKA43CA
PKA60CA
6BES
6BET
6BEW
6BEX
6BFE
6BFK
6BFM
6BFP
6BFT
6DGK
0.126 3.20
()
0.112 2.85
()
0.280(7.11)
0.260(6.60)
0.245(6.22)
0.220(5.60)
Cathode Band
0.118(3.00)
0.081(2.06)
0.329 8.35
()
0.305 7.75
()
0.069 1.75
()
0.059 1.50
()
0.067 1.70
()
0.030 0.76
()
DO-214AB(SMC J-Bend)
Dimensions in inches and(millimeters)
Test ISO 16750-2 Test A
0
UA
U
0.1US
0.9US
tr
td
t
Test pulse 5a
Parameter
12V System
24V System
79V to 101V
0.5
to 4
ΩΩ
40ms to 400ms
US
tr
td
Ri
151V to 202V
1to 8
ΩΩ
100ms to 350ms
()
10
ms
0
-5
..
.
“ ”Stand for commonly used models
*
*
*
Notes :
For bidirectional type having Vrwm of 18 volts and less, the IR limit is double.
REV 2016 08 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com