Electronic Components Datasheet Search
  English  ▼

X  

PKA22A Datasheet(PDF) 3 Page - StarHope

Part # PKA22A
Description  Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

PKA22A Datasheet(HTML) 3 Page - StarHope

  PKA22A Datasheet HTML 1Page - StarHope PKA22A Datasheet HTML 2Page - StarHope PKA22A Datasheet HTML 3Page - StarHope PKA22A Datasheet HTML 4Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPSEMI
www.spsemi.cn
Page 3 of 4
PKA(6.6KW) Series
Ratings and Characteristic Curves (TA=25
unless otherwise noted)
℃
Fig.1 Peak Pulse Power Rating Cure
Fig.2 Typical Junction Capacitance
Fig.3 Pulse Waveform
0
0
1.0
2.0
4.0
3.0
10/1000uS
Waveform
Half Value
IPPM
2
tr=10uS
Peak Value
IPPM
T=25
J
℃
Pulse width(td) is defined
ad the Point where the Peak
Current Decays to 50% of IPPM
50
100
150
t-Time(mS)
0.1
1
10
100
1000
0.000001
0.00001
0.0001
0.001
td-Pulse Width (Sec.)
1.0
10.0
100.0
1
100
1000
100000
V
-Reverse Breakdown Voltage(V)
BR
Bi-directional V=0V
Uni-directional V=0V
Bi-directional @VR
Uni-directional @VR
T=25
J
℃
.
f=1 0MHZ
V
=50mV
sig
p-p
1000.0
10
10000
1
0
10
100
100
50
150
200
250
300
Number of Cycles at 60HZ
350
400
450
Fig.4 Maximum Non-repetitive Forward Surge
Fig.5 Ri-Vs chart for ISO-16750-2 Test A : 12V System
85
80
90
100
95
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
V (volt)
S
Td:150ms
Fig.6 Power Derating Cure
0
0
25
50
75
100
125
150
20
40
60
80
100
120
AMBIENT TEMPERATURE(
)
℃
..
.
td
REV 2016 08 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com