Electronic Components Datasheet Search
  English  ▼

X  

TPS2491 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491 Datasheet(HTML) 1 Page - Texas Instruments

  TPS2491 Datasheet HTML 1Page - Texas Instruments TPS2491 Datasheet HTML 2Page - Texas Instruments TPS2491 Datasheet HTML 3Page - Texas Instruments TPS2491 Datasheet HTML 4Page - Texas Instruments TPS2491 Datasheet HTML 5Page - Texas Instruments TPS2491 Datasheet HTML 6Page - Texas Instruments TPS2491 Datasheet HTML 7Page - Texas Instruments TPS2491 Datasheet HTML 8Page - Texas Instruments TPS2491 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3,0 mm X 4,88 mm
Actual Size
www.ti.com
1
2
3
4
5
10
9
8
7
6
EN
VREF
PROG
TIMER
GND
VCC
SENSE
GATE
OUT
PG
DGS Package
(Top View)
7
VCC
SENSE
GATE
OUT
EN
VREF
PG
PROG
TIMER
GND
6
8
9
10
1
2
3
4
5
D1
SMAJ60A
C1
0.1
µF
RS
0.01
Ω
M1
IRF540NS
R6
470 k
Ω
R5
10
Ω
R3
41.2 k
Ω
R4
8.25 k
Ω
CT
0.1
µF
CO
220
µF
R1
324 k
Ω
R2
13.3 k
Ω
VI = 48 Vdc
VO at 4 A
Power Good
TPS2490/91
ILIM = 5 A,
VON/VOFF = 34.2 V/31.7 V,
PLIM = 34 W,
Timeout = 16 mS
Programmed
SOA, 16mS
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
FEATURES
APPLICATIONS
•
Server Backplanes
•
Programmable Power Limiting and Current
Limiting for Complete SOA Protection
•
Storage Area Networks (SAN)
•
Medical Systems
•
Wide Operating Range: +9 V to +80 V
•
Plug-in Modules
•
Latched Operation (TPS2490) and Automatic
•
Base Stations
Retry (TPS2491)
•
High-side Drive for Low-RDS(on) External
N-channel MOSFET
•
Programmable Fault Timer to Protect the
MOSFET and Eliminate Nuisance Shutdowns
•
Power Good Open-Drain Output for Down-
stream DC/DC Coordination
•
Enable can be used as a Programmable
Undervoltage Lockout or Logic Control
•
Small, Space-saving 10-pin MSOP Package
DESCRIPTION
The TPS2490 and TPS2491 are easy-to-use, positive high voltage, 10-pin Hot Swap Power Manager™ devices
that safely drive an external N-channel MOSFET switch. The power limit and current limit (both are adjustable
and independent of each other) ensure that the external MOSFET operates inside a selected safe operating area
(SOA) under the harshest operating conditions. Applications include inrush current limiting, electronic circuit
breaker protection, controlled load turn-on, interfacing to down-stream dc-to-dc converters, and power feed
protection. These devices are available in a small, space-saving 10-pin MSOP package and significantly reduce
the number of external devices, saving precious board space. The TPS2490/91 is supported by application
notes, an evaluation module, and a design tool.
Typical Application and Corresponding SOA
Hot Swap Power Manager is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2003, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2491

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2491 TI-TPS2491 Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI-TPS2491 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491 TI1-TPS2491 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2491DGS TI-TPS2491DGS Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2491DGS TI-TPS2491DGS Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2491

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
National Semiconductor ...
LM25061 NSC-LM25061 Datasheet
602Kb / 22P
Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 NSC-LM25069 Datasheet
617Kb / 24P
Positive Low Voltage Power Limiting Hot Swap Controller
logo
Texas Instruments
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
LM25069 TI1-LM25069_14 Datasheet
1Mb / 30P
Positive Low Voltage Power Limiting Hot Swap Controller
LM25061 TI1-LM25061 Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
LM25069 TI1-LM25069 Datasheet
1Mb / 29P
Positive Low Voltage Power Limiting Hot Swap Controller
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
Positive High-Voltage Power-Limiting Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com