Electronic Components Datasheet Search
  English  ▼

X  

TPS2491 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2491
Description  POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2491 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2491 Datasheet HTML 9Page - Texas Instruments TPS2491 Datasheet HTML 10Page - Texas Instruments TPS2491 Datasheet HTML 11Page - Texas Instruments TPS2491 Datasheet HTML 12Page - Texas Instruments TPS2491 Datasheet HTML 13Page - Texas Instruments TPS2491 Datasheet HTML 14Page - Texas Instruments TPS2491 Datasheet HTML 15Page - Texas Instruments TPS2491 Datasheet HTML 16Page - Texas Instruments TPS2491 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ti.com
TIMER
1 V/div
IIN
5 A/div
GATE 10 V/div
OUT 10 V/div
GATE 10 V/div
VCC 10 V/div
OUT 10 V/div
IIN
5A/div
TPS2490
TPS2491
SLVS503 – NOVEMBER 2003
APPLICATION INFORMATION (continued)
Figure 14. Current Limit Overview
The TPS2490/91 responds rapidly to the short circuit as seen in Figure 15. The falling OUT voltage is the result
of M1 and CO currents through the short’s impedance at this time scale. The internal GATE clamp causes the
GATE voltage to follow the output voltage down and subsequently limits the negative VDS to 1–2 V. The rapidly
rising fault current overdrives the GATE amplifier causing it to overshoot and rapidly turn M1 off by sinking
current to ground. M1 slowly turns back on as the GATE amplifier recovers; M1 then settles to an equilibrium
operating point determined by the power limiting circuit.
Figure 15. Current Limit Onset
Minimal input voltage overshoot appears in Figure 15 because a local 100-
µF bypass capacitor and very short
input leads were used. The input voltage would overshoot as the input current abruptly drops in a typical
application due to the stored energy in the input distribution’s inductance. The exact waveforms seen in an
application depend upon many factors including parasitics of the voltage distribution, circuit layout, and the short
itself.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com