Electronic Components Datasheet Search
  English  ▼

X  

SPH150F Datasheet(PDF) 1 Page - StarHope

Part # SPH150F
Description  Gas Discharge Tube SPH Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPH150F Datasheet(HTML) 1 Page - StarHope

  SPH150F Datasheet HTML 1Page - StarHope SPH150F Datasheet HTML 2Page - StarHope SPH150F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 1 of 3
Gas Discharge Tube
SPH Series
Features
Electronic stability
Small volume, easy to placement machine operation
Large flow capacity, impact resistant ability
Static electricity capacity, good insulation
Reaction speed is 50 ns - 150 ns
GDT/SPH Series
Applications
ADSL MODEM
FAX
TELEPHONE
、、
RS485
RS232
CAN level of protection
、、
CATV
Power supply prevents thunder common-mode protection
Marking Code
SPH090FX
Internal Code(Default)
F:Two Parties
A:A Round
Nom. DC spark-over
voltage Vs
090:90V
150:150V
470:470V
:
SPX 2R/0.5KA
SPA 2R/2.5KA
:
SPB 2R/5KA
:
SPC 2R/5KA
:
SPH 2R/20KA
:
3SPC 3R/5KA
:
3SPH 3R/20KA
:
Product Name
Marking Code
Logo
SPH090F


Similar Part No. - SPH150F

ManufacturerPart #DatasheetDescription
logo
StarHope
SPH150F SPSEMI-SPH150F Datasheet
706Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPH150FA SPSEMI-SPH150FA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPH150FA SPSEMI-SPH150FA Datasheet
647Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPH150FS SPSEMI-SPH150FS Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
SPH150FS SPSEMI-SPH150FS Datasheet
647Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
More results

Similar Description - SPH150F

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
3RB-7 RUILON-3RB-7 Datasheet
610Kb / 6P
Gas Discharge Tube
logo
Socay Electornics Co., ...
UN2E8-600H5SMD SOCAY-UN2E8-600H5SMD Datasheet
88Kb / 2P
Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
GAS DISCHARGE TUBE
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
Gas Discharge Tube
GDT-SPH-G SPSEMI-GDT-SPH-G Datasheet
48Kb / 3P
Gas Discharge Tube SPH-G Series
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
Gas Discharge Tube
logo
StarHope
GSM075P SPSEMI-GSM075P Datasheet
303Kb / 3P
Gas Discharge Tube
GSP075D SPSEMI-GSP075D Datasheet
352Kb / 3P
Gas Discharge Tube
GSP075Q SPSEMI-GSP075Q Datasheet
424Kb / 3P
Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com