Electronic Components Datasheet Search
  English  ▼

X  

SPH150F Datasheet(PDF) 2 Page - StarHope

Part # SPH150F
Description  Gas Discharge Tube SPH Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPH150F Datasheet(HTML) 2 Page - StarHope

  SPH150F Datasheet HTML 1Page - StarHope SPH150F Datasheet HTML 2Page - StarHope SPH150F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 2 of 3
Dimensions
Dimensions in millimeters
Electrical Characteristics
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
(
)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
100MΩ min.
0.8pF max.
Packaging Speci Cations
Packaging:500 pieces per reel
DC
Spark-over
Voltage
(@100V/s
)
(V)
Part Number
Impulse
Spark-over
Voltage
(@1KV/μs)
(V)
Nom.Impulse
Discharge
Current
(@8/20μs)
(KA)
Nom.
Alternating
Discharge
Current
(@50HZ)
(A)
Impulse
Discharge
Current
One Operation
(@8/20μs)
(KA)
Capacitance
(pF)
Insulation
Resistance
(GΩ)
(@DC)
(V)
SPH075F
SPH090F
SPH150F
SPH230F
SPH350F
SPH470F
SPH600F
75
20
±%
90
20
±%
150
20
±%
230
20
±%
350
20
±%
470
20
±%
600
20
±%
≦500
≦600
≦600
≦600
≦650
≦650
≦950
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
>1
>1
>1
>1
>1
>1
>1
25
50
50
100
100
250
250
<1.5
<1.5
<1.5
<1.5
<1.5
<1.5
<1.5
0.5
60 2
±.
8.2 0 2
±.
GDT/SPH Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com