Electronic Components Datasheet Search
  English  ▼

X  

30EPF02 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 30EPF02
Description  Fast Soft Recovery Rectifier Diode, 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF02 Datasheet(HTML) 3 Page - Vishay Siliconix

  30EPF02 Datasheet HTML 1Page - Vishay Siliconix 30EPF02 Datasheet HTML 2Page - Vishay Siliconix 30EPF02 Datasheet HTML 3Page - Vishay Siliconix 30EPF02 Datasheet HTML 4Page - Vishay Siliconix 30EPF02 Datasheet HTML 5Page - Vishay Siliconix 30EPF02 Datasheet HTML 6Page - Vishay Siliconix 30EPF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93145
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 12-Jun-08
3
30EPF.., 30CPF.. Soft Recovery Series
Fast Soft Recovery
Rectifier Diode, 30 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
150
0
Average Forward Current (A)
5
100
10
35
120
130
110
15
25
140
90
30
20
30°
60°
90°
120° 180°
Conduction angle
30.PF.. Series
R
thJC (DC) = 0.8 K/W
Ø
150
030
Average Forward Current (A)
15
540
110
50
120
90
10
20
130
140
30.PF.. Series
R
thJC (DC) = 0.8 K/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
100
45
35
25
10
0
35
0
Average Forward Current (A)
20
25
25
30
20
10
15
5
5
15
Conduction angle
30.PF.. Series
T
J = 150 °C
RMS limit
180°
120°
90°
60°
30°
Ø
10
0
45
0
Average Forward Current (A)
25
35
15
10
25
5
15
5
20
35
20
30
40
30
RMS limit
Ø
Conduction period
30.PF.. Series
T
J = 150 °C
180°
120°
90°
60°
30°
DC
350
50
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
200
100
150
250
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
30.PF.. Series
300
150
0
0.01
0.1
10
Pulse Train Duration (s)
300
100
200
250
350
400
1
30.PF.. Series
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com