Electronic Components Datasheet Search
  English  ▼

X  

30EPF02 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 30EPF02
Description  Fast Soft Recovery Rectifier Diode, 30 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30EPF02 Datasheet(HTML) 4 Page - Vishay Siliconix

  30EPF02 Datasheet HTML 1Page - Vishay Siliconix 30EPF02 Datasheet HTML 2Page - Vishay Siliconix 30EPF02 Datasheet HTML 3Page - Vishay Siliconix 30EPF02 Datasheet HTML 4Page - Vishay Siliconix 30EPF02 Datasheet HTML 5Page - Vishay Siliconix 30EPF02 Datasheet HTML 6Page - Vishay Siliconix 30EPF02 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93145
4
Revision: 12-Jun-08
30EPF.., 30CPF.. Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 30 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
1000
10
1
024
Instantaneous Forward Voltage (V)
100
5
13
T
J = 25 °C
T
J = 150 °C
30.PF.. Series
0.20
0
0
200
400
800
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
0.10
0.05
0.15
600
30.PF.. Series
T
J = 25 °C
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
I
FM = 30 A
I
FM = 20 A
0.5
0
0
200
400
600
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
0.2
0.3
0.1
0.4
800
30.PF.. Series
T
J = 150 °C
I
FM = 30 A
I
FM = 1 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
4.0
0
0
200
400
600
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
2.5
1.0
2.0
3.0
3.5
1.5
0.5
800
30.PF.. Series
T
J = 25 °C
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A
0
0
200
400
600
1000
dI/dt - Rate of Fall of Forward Current (A/µs)
2
4
6
8
10
800
1
3
5
7
9
30.PF.. Series
T
J = 150 °C
I
FM = 30 A
I
FM = 20 A
I
FM = 10 A
I
FM = 5 A
I
FM = 1 A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com