Electronic Components Datasheet Search
  English  ▼

X  

OPA695IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVT
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA695IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA695IDBVT Datasheet HTML 2Page - Texas Instruments OPA695IDBVT Datasheet HTML 3Page - Texas Instruments OPA695IDBVT Datasheet HTML 4Page - Texas Instruments OPA695IDBVT Datasheet HTML 5Page - Texas Instruments OPA695IDBVT Datasheet HTML 6Page - Texas Instruments OPA695IDBVT Datasheet HTML 7Page - Texas Instruments OPA695IDBVT Datasheet HTML 8Page - Texas Instruments OPA695IDBVT Datasheet HTML 9Page - Texas Instruments OPA695IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
OPA695
6
SBOS293B
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V
G = +8, RF = 402Ω, RL = 100Ω, unless otherwise noted.
–50
–60
–70
–80
–90
–100
10MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
Load Resistance (
Ω)
50
100
500
2nd-Harmonic
3rd-Harmonic
V
O = 2VPP
G = 8V/V
See Figure 1
–55
–60
–65
–70
–75
–80
–85
–90
–95
10MHz HARMONIC DISTORTION
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
See Figure 1
V
O = 2VPP, G = 8V/V
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
–100
HARMONIC DISTORTION vs FREQUENCY
Frequency (MHz)
0.5
1
10
100
See Figure 1
V
O = 2VPP, G = +8V/V
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
–50
–60
–70
–80
–90
–100
10MHz HARMONIC DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (V
PP)
0.1
1
5
See Figure 1
G = +8V/V
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
–60
–65
–70
–75
–80
–85
–90
10MHz HARMONIC DISTORTION
vs NONINVERTING GAIN
Noninverting Gain (V/V)
210
20
See Figure 1
V
O = 2VPP
R
L = 100Ω
2nd-Harmonic
3rd-Harmonic
–55
–60
–65
–70
–75
–80
–85
–90
10MHz HARMONIC DISTORTION
vs INVERTING GAIN
Inverting Gain (|V/V|)
210
20
See Figure 2
V
O = 2VPP, RL = 100Ω
2nd-Harmonic
3rd-Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com