Electronic Components Datasheet Search
  English  ▼

X  

OPA695IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA695IDBVT
Description  Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA695IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  OPA695IDBVT Datasheet HTML 1Page - Texas Instruments OPA695IDBVT Datasheet HTML 2Page - Texas Instruments OPA695IDBVT Datasheet HTML 3Page - Texas Instruments OPA695IDBVT Datasheet HTML 4Page - Texas Instruments OPA695IDBVT Datasheet HTML 5Page - Texas Instruments OPA695IDBVT Datasheet HTML 6Page - Texas Instruments OPA695IDBVT Datasheet HTML 7Page - Texas Instruments OPA695IDBVT Datasheet HTML 8Page - Texas Instruments OPA695IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
OPA695
3
SBOS293B
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
RF = 402Ω, RL = 100Ω, and G = +8, (see Figure 1 for AC performance only), unless otherwise noted.
OPA695ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
AC PERFORMANCE (see Figure 1)
Small-Signal Bandwidth (VO = 0.5VPP)
G = +1, RF = 523Ω
1700
MHz
typ
C
G = +2, RF = 511Ω
1400
MHz
typ
C
G = +8, RF = 402Ω
450
400
380
350
MHz
min
B
G = +16, RF = 249Ω
350
MHz
typ
C
Bandwidth for 0.2dB Gain Flatness
G = +2, VO = 0.5VPP, RF =523Ω
320
MHz
min
B
Peaking at a Gain of +1
RF = 523Ω, VO = 0.5VPP
4.6
5.4
5.8
6.0
dB
max
B
Large-Signal Bandwidth
G = +8, VO = 4VPP
450
MHz
typ
C
Slew Rate
G = –8, VO = 4V Step
4300
3700
3600
3500
V/
µsmin
B
G = +8, VO = 4V Step
2900
2600
2500
2400
V/
µsmin
B
Rise-and-Fall Time
G = +8, VO = 0.5V Step
0.8
ns
typ
C
G = +8, VO = 4V Step
1.0
ns
typ
C
Settling Time to 0.02%
G = +8, VO = 2V Step
16
ns
typ
C
0.1%
G = +8, VO = 2V Step
10
ns
typ
C
Harmonic Distortion
G = +8, f = 10MHz, VO = 2VPP
2nd-Harmonic
RL = 100Ω
–65
–62
–60
–59
dBc
max
B
RL ≥ 500Ω
–78
–76
–74
–73
dBc
max
B
3rd-Harmonic
RL = 100Ω
–86
–84
–75
–72
dBc
max
B
RL ≥ 500Ω
–86
–82
–81
–80
dBc
max
B
Input Voltage Noise
f > 1MHz
1.8
2
2.7
2.9
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
18
19
21
22
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
22
24
26
27
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.04
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.007
deg
typ
C
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = 0V, RL = 100Ω
85
45
43
41
k
Ω
min
A
Input Offset Voltage
VCM = 0V
±0.3
±3.0
±3.5
±4.0
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±10
±15
µV/°Cmax
B
Noninverting Input Bias Current
VCM = 0V
+13
±30
±37
±41
µAmax
A
Average Noninverting Input Bias Current Drift
VCM = 0V
+150
+180
nA/
°Cmax
B
Inverting Input Bias Current
VCM = 0V
±20
±60
±66
±70
µAmax
A
Average Inverting Input Bias Current Drift
VCM = 0V
±120
±160
nA
°/C
max
B
INPUT
Common-Mode Input Range(5) (CMIR)
±3.3
±3.1
±3.0
±3.0
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
56
51
50
50
dB
min
A
Noninverting Input Impedance
280 || 1.2
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop
29
Ω
typ
C
OUTPUT
Voltage Output Swing
No Load
±4.2
±4.0
±3.9
±3.9
V
min
A
100
Ω Load
±3.9
±3.7
±3.7
±3.6
V
min
A
Current Output, Sourcing
VO = 0
+120
+90
+80
+70
mA
min
A
Current Output, Sinking
VO = 0
–120
–90
–80
–70
mA
min
A
Closed-Loop Output Impedance
G = +8, f = 100kHz
0.04
Ω
typ
C
DISABLE (Disabled LOW)
Power-Down Supply Current (+VS)VDIS = 0
–100
–170
–186
–192
µA
typ
A
Disable Time
VIN = ±0.25VDC
1
µs
typ
C
Enable Time
VIN = ±0.25VDC
25
ns
typ
C
Off Isolation
G = +8, 10MHz
70
dB
typ
C
Output Capacitance in Disable
4
pF
typ
C
Turn On Glitch
G = +2, RL = 150Ω, VIN = 0
±100
mV
typ
C
Turn Off Glitch
G = +2, RL = 150Ω, VIN = 0
±20
mV
typ
C
Enable Voltage
3.3
3.5
3.6
3.7
V
min
A
Disable Voltage
1.8
1.7
1.6
1.5
V
max
A
Control Pin Input Bias Current (DIS)
VDIS = 0
75
130
143
145
µAmax
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6V
max
A
Max Quiescent Current
VS = ±5V
12.9
13.3
13.7
14.1
mA
max
A
Min Quiescent Current
VS = ±5V
12.9
12.6
11.8
11.0
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input Referred
55
51
48
48
dB
typ
A
TEMPERATURE RANGE
Specification: ID, IDBV
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
DSO-8
125
°C/W
typ
C
DBV
SOT23-6
150
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for +25
°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +15
°C at high temperature limit for over temperature
specifications.
(3) Test levels: (A) 100% tested at +25
°C. Over temperature limits by characterization and simulation.
(B) Limits set by characterization and simulation. (C) Typical value only for information.
(4) Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5) Tested < 3dB below minimum specified CMRR at
± CMIR limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com