Electronic Components Datasheet Search
  English  ▼

X  

PS2621 Datasheet(PDF) 30 Page - NEC

Part # PS2621
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2621 Datasheet(HTML) 30 Page - NEC

Back Button PS2621 Datasheet HTML 26Page - NEC PS2621 Datasheet HTML 27Page - NEC PS2621 Datasheet HTML 28Page - NEC PS2621 Datasheet HTML 29Page - NEC PS2621 Datasheet HTML 30Page - NEC PS2621 Datasheet HTML 31Page - NEC PS2621 Datasheet HTML 32Page - NEC PS2621 Datasheet HTML 33Page - NEC PS2621 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
29
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
Figure 20. VCE (sat) vs. TA Characteristics
Figure 18. VCE (sat) vs. TA Characteristics
Figure 16. ICEO vs. TA Characteristics
Figure 17. ICEO vs. TA Characteristics
Figure 19. VCE (sat) vs. TA Characteristics
Collector Saturation Voltage VCE (sat) (V)
Figure 21. IC vs. VCE (sat) Characteristics
CTR = approx. 200%
0.3
0.2
0.1
0
-50
-25
0
25
50
75
100
IF = 1 mA
IC = 1 mA
CTR = approx. 400%
CTR = approx. 200%
0.3
0.2
0.1
0
-50
-25
0
25
50
75
100
IF = 5 mA
IC = 4 mA
CTR = approx. 400%
CTR = 400%
0.20
0.15
0.10
0.05
-50
-25
0
25
50
75
100
IF = 5 mA
IC = 1 mA
330%
200%
18
15
10
5
0.5
0
1.0
1.5
2.0
Standard
characteristics
CTR = 200%
IF = 10 mA,
TA = 85˚C
IF = 8 mA,TA = 85˚C
IF = 8 mA,
TA = 25˚C
IF = 10 mA, TA = 25˚C
Standard characteristics
CTR = approx. 400%
10000
5000
(1
µA)
1000
500
100
50
10
5
1
0.5
0.1
-50
-25
0
25
50
75
100
VCE = 80 V
40 V
24 V
10 V
5 V
Standard characteristics
CTR = approx. 100%
10000
5000
(1
µA)
1000
500
100
50
10
5
0.5
0.1
-50
-25
0
25
50
75
100
1
VCE = 80 V
40 V
24 V
10 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com