Electronic Components Datasheet Search
  English  ▼

X  

PS2621 Datasheet(PDF) 14 Page - NEC

Part # PS2621
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2621 Datasheet(HTML) 14 Page - NEC

Back Button PS2621 Datasheet HTML 10Page - NEC PS2621 Datasheet HTML 11Page - NEC PS2621 Datasheet HTML 12Page - NEC PS2621 Datasheet HTML 13Page - NEC PS2621 Datasheet HTML 14Page - NEC PS2621 Datasheet HTML 15Page - NEC PS2621 Datasheet HTML 16Page - NEC PS2621 Datasheet HTML 17Page - NEC PS2621 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
13
ELIMINATION OF INPUT SURGES
Unwanted external noise and output leakage currents (e.g., collector current IC) of a preceding transistor may cause the light-
emitting diode (LED) of an optocoupler to light involuntarily. Usually, a circuit (connecting a resistor in parallel to the LED) is
provided to absorb such input surges. To prevent malfunction of an optocoupler, it is also effective to insert a resistor (RBE) that
increases the input threshold current (by the use of the input-output characteristics) between the base and the emitter of the
phototransistor. In this case, the current transfer ratio (CTR) must be low. (See 3.3 for Reduction of CTR.)
60
50
40
30
20
10
0
RBE =
200 k
Ω
100 k
Ω
50 k
Ω
30 k
Ω
20 k
Ω
10 k
Ω
5 k
Ω
VCE = 5 V
(PS2601)
12
3
4 5
10
20
30 40 50
Figure 2-9. IC vs. IF Characteristics (Example)
Forward Current IF (mA)
APPLICATION TO HIGH POTENTIAL CIRCUIT
The withstanding voltage between the collector and the emitter of the PS2601 optocoupler is 80 V (MAX). To make the
optocoupler available to higher withstanding voltages, use the collector-base junction photodiode as a light-sensitive element and
connect a high-voltage circuit to the output of the optocoupler. In this case, the output of the photodiode must be amplified
because it is smaller than the usual output.
Fig. 2-10 shows an example of an optocoupler applied to a high-voltage circuit. In this sample circuit, the photocurrent (ICBL) of
the optocoupler is fed to the base of the high-voltage transistor and a current (IF) passes forward through the light-emitting diode
(LED). Fig. 2-11 shows the ICBL vs. IF characteristics. Before working on applications outside the rated values of the
optocouplers, evaluate the practical circuits fully by contacting CEL.
Figure 2-10. Application to a
High Voltage Circuit
Figure 2-11. ICBL vs. IF Characteristic
PS2601
ICBL
200
100
50
40
30
20
10
5
4
3
2
1
12
3
4 5
10
20
30 40 50
80
VCB = 100V
(PS2601)
IF
ICBL
CTR = 274%
CTR = 166%
100V
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com