Electronic Components Datasheet Search
  English  ▼

X  

RT9264 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RT9264
Description  HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9264 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RT9264 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary
RT9264
DS9264-00 December 2001
www.richtek-ic.com.tw
1
High Frequency, High Efficiency, Step-up DC/DC Converter
General Description
The RT9264 is a compact, high efficient, step-up
DC/DC converter with current mode PWM control
loop, providing stable and high efficient operations
without external compensation.
The RT9264 suitable for 1 to 4 battery cells as well
as USB power applications providing up to 400mA
output current. The high switching rate minimized
the size of external components.
A 300mA LDO is included in RT9264 to provide a
secondary low noise output as well as an output
current stop in the shutdown mode. RT9264 is
provided in SOP-8 packages.
Ordering Information
RT9264
Typical Application Circuit
Features
400mA High Supply Capability
90% Efficiency
Switching Rate higher Than 1.4MHz
Providing Flexibility for Using Internal and
External Power Switches
Built-in 300mA LDO, also for the Zero-Output-
Current Shutdown Mode
Boost DC-DC Integrating LDO for Up-Down
Regulation
8-Pin SOP Package
Applications
Portable Instrument
ADSL Modem
USB Devices
Pin Configurations
Part Number
Pin Configurations
RT9264CS
(Plastic SOP-8)
TOP VIEW
Fig. 1 RT9264 Typical Application for Portable Instruments
Operating temperature range
C: Commercial standard
Package type
S : SOP-8
C1
47
µF
VDD
CE
RT9264
EXT
LDOO
LX
L F B
GN D
FB
3.3V
VOUT1
C2
1
µF
D1
1N5819
L1
2.2
µH
R1
36K
R2
22K
R4
42K
R3
22K
C3
10
µF
2.5V
VOUT2
VIN
47
µF
GND
EXT
LFB
LDOO
CE
LX
VDD
FB
1
2
3
4
8
7
6
5


Similar Part No. - RT9264

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9261 RICHTEK-RT9261 Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261 RICHTEK-RT9261 Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
RT9261-15CB RICHTEK-RT9261-15CB Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15CX RICHTEK-RT9261-15CX Datasheet
219Kb / 14P
VFM Step-up DC/DC Converter
RT9261-15GB RICHTEK-RT9261-15GB Datasheet
153Kb / 12P
VFM Step-Up DC/DC Converter
More results

Similar Description - RT9264

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
High Efficiency Step Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
18V, High Efficiency, DC-DC Step-Up Converter
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
High-efficiency step up DC/DC converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com