Electronic Components Datasheet Search
  English  ▼

X  

RT9264 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT9264
Description  HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9264 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT9264 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9264 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9264
Preliminary
www.richtek-ic.com.tw
DS9264-00 December 2001
2
Fig. 2 Application Circuit with Zero-Output-Current Shutdown Mode Control
Fig. 3 High Voltage Application
C1
47
µF
VDD
CE
RT9264
EXT
LDOO
LX
L F B
GN D
FB
C2
1
µF
D1
1N5819
L1
2.2
µH
R1
36K
R2
22K
C3
10
µF
3.3V
VOUT
VIN
Chip Enable Input
47
µF
C1
47
µF
VDD
CE
RT9264
EXT
LDO O
L X
L F B
G N D
FB
15V
VOUT1
C2
1
µF
D1
1N5819
L1
3.3
µH
Q1
NMOS
R2
20K
R4
42K
R3
22K
C3
10
µF
2.5V
VOUT2
3.3V/5V
VIN
R1
220K
C4
47
µF
R5
100
Ω
C5
22
µF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com