Electronic Components Datasheet Search
  English  ▼

X  

RT9264CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9264CS
Description  HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9264CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9264CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9264
Preliminary
www.richtek-ic.com.tw
DS9264-00 December 2001
4
Absolute Maximum Ratings
Supply Voltage
-0.3V to 6V
LX Pin Switch Voltage
-0.3V to (VDD + 0.8V)
LDO Output Voltage
-0.3V to (VDD + 0.3V)
Other I/O Pin Voltages
-0.3V to (VDD + 0.3V)
LX Pin Switch Current
2.5A
EXT Pin Driver Current
30mA
Power Dissipation, PD @ TA = 25
°C
SOP-8
0.625W
• Package Thermal Resistance
SOP-8,
θJA
160
°C/W
Operating Junction Temperature
150
°C
Storage Temperature Range
-65
°C ~ +150°C
Electrical Characteristics
(VIN = 3.3V, VDD set to 5V, Load Current = 0, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Operating VDD Range
VDD
1--
6
V
No Load Current I (VIN)
INO LOAD
VIN = 3.3V, VOUT = 5V
--
3
--
mA
Switch-off Current I (VDD)
ISWITCH OFF VIN = 6V
--
1
--
mA
Shutdown Current I (VIN)
IOFF
CE Pin = 0V, VIN = 4.5V
--
0.1
1
µA
Feedback Reference Voltage
VREF
Close Loop, VDD = 3.3V
1.225
1.25
1.275
V
Feedback Reference Voltage for LDO
VREF
Close Loop, VDD = 3.3V
0.843
0.86
0.877
V
Switching Rate
FS
VDD = 5V
1.4
--
2.8
MHz
Maximum Duty
DMAX
VDD = 5V
--
80
--
%
LX ON Resistance
VDD = 5V
--
0.25
--
Ω
Current Limit Setting
ILIMIT
VDD = 5V
--
2
--
A
EXT ON Resistance to VDD
VDD = 5V
--
30
--
Ω
EXT ON Resistance to GND
VDD = 5V
--
20
--
Ω
Line Regulation
∆VLINE
VIN = 3 ~ 4V, IL = 1mA
--
20
--
mV/V
Load Regulation
∆VLOAD
VIN = 3.3V, IL = 1 ~ 50mA
--
0.5
--
mV/mA
LDO PMOS ON Resistance
VDD = 5V
--
1
1.5
Ω
LDO Drop Out Voltage
VDROP
VDD = 5V, IL = 100mA
--
70
--
mV
CE Pin Trip Level
VDD = 5V
0.2
0.8
1.4
V
Temperature Stability for FB, LFB, LBI
TS
Guaranteed by Design
--
50
--
ppm/°C
Thermal Shutdown
TSD
Guaranteed by Design
--
165
--
°C
Thermal Shutdown Hysterises
∆TSD
Guaranteed by Design
--
10
--
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com