Electronic Components Datasheet Search
  English  ▼

X  

RT9264CS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9264CS
Description  HIGH FREQUENCY HIGH EFFICIENCY STEP UP DC/DC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9264CS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9264CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9264CS Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
RT9264
DS9264-00 December 2001
www.richtek-ic.com.tw
5
Application Note
Output Voltage Setting
Referring to application circuits Fig.1 to Fig.3, the
output voltage of the switching regulator (VOUT1) can
be set with Eq.1.
The LDO output voltage can be set with Eq.2.
Layout Guide
• A full GND plane without gap break.
• VOUT1 to GND noise bypass – Short and wide
connection for C2 to Pin1 and Pin6.
• VIN to GND noise bypass – Add a 100µF capacitor
close to L1 inductor, when VIN is not an idea
voltage source.
• Minimized FB/LFB node copper area and keep far
away from noise sources.
• Minimized parasitic capacitance connecting to LX
and EXT nodes, which may cause additional
switching loss.
• The following diagram is an example of 2-layer
board layout for application circuits Fig.1 and
Fig.2.
First Layer
Second Layer (Full GND Plane)
RT9264
V
25
.
1
)
2
R
1
R
1
(
V
1
OUT
×
+
=
Eq.1
V
86
.
0
)
3
R
4
R
1
(
V
2
OUT
×
+
=
Eq.2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com