Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 25 Page - NEC

Part # PS2625
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 25 Page - NEC

Back Button PS2625 Datasheet HTML 21Page - NEC PS2625 Datasheet HTML 22Page - NEC PS2625 Datasheet HTML 23Page - NEC PS2625 Datasheet HTML 24Page - NEC PS2625 Datasheet HTML 25Page - NEC PS2625 Datasheet HTML 26Page - NEC PS2625 Datasheet HTML 27Page - NEC PS2625 Datasheet HTML 28Page - NEC PS2625 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
24
Time (Hr)
Time (Hr)
Figure 6.
Figure 5.
CTR vs. TA Characteristics (TA: Ambient Temperature)
The CTR-Temperature characteristic is greatly affected by the total characteristics of light-emission efficiency of the LED and hFE
of the phototransistor as the light-emission efficiency has a negative temperature coefficient and hFE has a positive temperature
coefficient. See Figure 7.
TA
TA
TA
Figure 7. CTR vs. TA Characteristics
Current Transfer Ratio (CTR)
The current transfer ratio (CTR) of an optocoupler is the ratio of the value of output current IC to the value of input forward current
IF (IC/IF x 100%). The CTR is a parameter equivalent to the D.C. current amplification factor hFE of a transistor.
The CTR is one of the most significant characteristics of optocouplers, as well as isolation voltage. In circuit designing, CTR must
be considered first of all because the CTR:
1
varies as time goes by,
2
is affected by ambient temperature, and
3
is dependent upon forward current IF flowing through the LED.
Both PS2505 and PS2506 optocouplers (bidirectional input type) have two current transfer ratios (CTRs) because they have two
LEDs in the input. For further information, refer to Applications of Optocouplers for A.C. input.
Change of CTR over time
The current transfer ratio (CTR) of an optocoupler is determined by the light-emission efficiency of the LED (emitting infrared
light), efficiency of light transmission between the LED and the phototransistor, light sensitivity of the phototransistor, and hFE of
the transistor.
The change of a CTR over time is mainly caused by reduction of the light-emission efficiency of the LED. Generally, the CTR is
reduced to a greater extent as the forward current IF increases or as the operating temperature increases. Figure 5 and 6
respectively show estimated changes of CTRs of PS2501 and PS2505 optocouplers over time.
Estimated change of CTRs with time lapse (Standard values)
CHARACTERISTICS OF PS2501 AND PS2505 OPTOCOUPLERS
Standard value
Continuous supply of 20 mA (IF)
TA = 60˚C TA = 25˚C
1.2
1.0
0.8
0.6
0.4
0.2
0
10
10
10
10
10
23
4
5
6
1.2
1.0
0.8
0.6
0.4
0.2
010
10
10
10
23
4
5
Standard characteristics
IF = 5 mA
TA = 60˚C
IF = 20 mA
TA = 25˚C
IF = 5 mA
TA = 25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com