Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 31 Page - NEC

Part # PS2625
Description  Optocoupler Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 31 Page - NEC

Back Button PS2625 Datasheet HTML 27Page - NEC PS2625 Datasheet HTML 28Page - NEC PS2625 Datasheet HTML 29Page - NEC PS2625 Datasheet HTML 30Page - NEC PS2625 Datasheet HTML 31Page - NEC PS2625 Datasheet HTML 32Page - NEC PS2625 Datasheet HTML 33Page - NEC PS2625 Datasheet HTML 34Page - NEC PS2625 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
30
At normal temperature (TA = 25
°C), the collector cut-off current ICEO is very little (about 1 nA (at VCE = 80 V and CTR = about
400% )), but it will be multiplied by about 10 at an increment of 25
°C. This needs to be kept in mind when using a small output
current (IC) of an optocoupler with a high load.
The rate change of VCE (sat) (Collector Saturation Voltage) is about 0.7% per
°C at ambient temperature of 0°C to 70°C. In circuit
design, the collector output current IC should be determined under the condition of half or less of the CTR rated values. Other-
wise, the saturation voltage VCE (sat) will become greater.
CHARACTERISTICS OF PS2502 AND PS2506 OPTOCOUPLERS
The PS2502 and PS2506 optocouplers are higher in sensitivity than the PS2501 and PS2505 optocouplers and can be driven by
low currents.
CTR-Related Characteristics
The PS2502 and PS2506 optocouplers assure CTR
⊕ 200% at IF = 1 mA and can be directly driven by CMOS output signals.
See 3.1 for CTR definition and characteristics.
Change of CTR Over time
Figure 22 shows the CTR vs. time characteristics of the PS2502 and PS2506 optocouplers.
Figure 22. CTR vs. Time Characteristics (Standard Value)
Standard values Continuous supply of
IF = 1 mA
1.2
1.0
0.8
0.6
0.4
0.2
0
10
10
10
10
10
10
5
4
3
2
TA = 25˚C
TA = 60˚C
Time (Hr)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com